Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW81200 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STW81200
Description  Wideband RF PLL fractional/integer frequency synthesizer with integrated VCOs and LDOs
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81200 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STW81200 Datasheet HTML 20Page - STMicroelectronics STW81200 Datasheet HTML 21Page - STMicroelectronics STW81200 Datasheet HTML 22Page - STMicroelectronics STW81200 Datasheet HTML 23Page - STMicroelectronics STW81200 Datasheet HTML 24Page - STMicroelectronics STW81200 Datasheet HTML 25Page - STMicroelectronics STW81200 Datasheet HTML 26Page - STMicroelectronics STW81200 Datasheet HTML 27Page - STMicroelectronics STW81200 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 58 page
background image
Circuit description
STW81200
24/58
DocID025943 Rev 7
7
Circuit description
7.1
Reference input stage
The reference input stage provides different modes for the reference clock signal.
Both single-ended and differential modes (LVDS, LVECPL) are supported; a crystal mode is
also provided in order to build a Pierce type crystal oscillator. Figure 29 shows the
connections required for the different configurations supported.
In single-ended and differential modes the inputs must be AC coupled as the REF_CLKP
and REF_CLKN pins are internally biased to an optimal DC operating point. The input
resistance is 100 ohms differential and the best performance for phase noise is obtained for
signals with a higher slew rate, such as a square wave.
Figure 29. Reference clock buffer configurations: single-ended (A), differential (B),
crystal mode (C)
7.2
Reference divider
The 13-bit programmable reference counter is used to divide the input reference frequency
to the desired PFD frequency. The division ratio is programmable from 1 to 8191.
The maximum allowed input frequency of the R-Counter is 200 MHz.
The reference clock can be extended up to 400 MHz enabling the divide-by-2 stage or up to
800 MHz enabling the divide-by-4 stage.
A frequency doubler is provided in order to double low reference frequencies and increase
the PFD operating frequency thus allowing an easier filtering of the out-of-band noise of the
Delta-Sigma Modulator; the doubler is introducing a noise degradation in the in-band PLL
noise thus this feature should be carefully used.
When the doubler is enabled, the maximum reference frequency is limited to 25 MHz.
REF_CLKP
REF_CLKN
REF_CLKP
REF_CLKN
REF_CLKP
REF_CLKN
100
Ω
A)
B)
C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com