Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW81200 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STW81200
Description  Wideband RF PLL fractional/integer frequency synthesizer with integrated VCOs and LDOs
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81200 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STW81200 Datasheet HTML 12Page - STMicroelectronics STW81200 Datasheet HTML 13Page - STMicroelectronics STW81200 Datasheet HTML 14Page - STMicroelectronics STW81200 Datasheet HTML 15Page - STMicroelectronics STW81200 Datasheet HTML 16Page - STMicroelectronics STW81200 Datasheet HTML 17Page - STMicroelectronics STW81200 Datasheet HTML 18Page - STMicroelectronics STW81200 Datasheet HTML 19Page - STMicroelectronics STW81200 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 58 page
background image
Electrical specifications
STW81200
16/58
DocID025943 Rev 7
PLL miscellaneous
IPLL
PLL current
Consumption(8)
Prescaler, digital dividers, misc.
-
20
-
mA
IDSM
ΔΣ Modulator current
consumption(8)
--
3.5
-
mA
1. The maximum frequency of the Reference Divider is 200 MHz; when using higher reference clock frequency (up to the
max. value of 800 MHz) the internal divider by 2 or divider by 4 must be enabled.
The fractional mode is allowed in the full frequency range only with reference clock frequency >11.93 MHz
With reference clock frequency in the range 10 MHz to 11.93 MHz, due to the limits of N value in fractional mode, the full
VCO frequencies would not be addressed in fractional mode; in this case the frequency doubler in the reference path can
be enabled.
2. Reference clock signal @ 100 MHz, R=2
3. The minimum frequency step is obtained as FPFD / (2^21); these typical values are obtained considering FPFD = 100 MHz.
4. PFD frequency leakage.
5. This is the level inside the PLL loop bandwidth due to the contribution of the
ΔΣ Modulator. In order to obtain the fractional
spurs level for a specific frequency offset, the attenuation provided by the loop filter at such offset should be subtracted.
6. Once a VCO is programmed at the initial temperature T0 inside the operating temperature range (-40 °C to +85 °C), the
synthesizer is able to maintain the lock status only if the temperature drift (in either direction) is within the limit specified by
ΔTLK, provided that the final temperature Tf is still inside the nominal range.
7. In order to guarantee the performance of
ΔTLK the bit CAL_TEMP_COMP in register ST6 must be set to ‘1’.
8. Current consumption measured with PLL locked in following conditions: Reference clock signal @ 100 MHz; PFD
@50 MHz (R=2); VCO @ 4005 MHz
Table 6. Electrical specifications (continued)
Symbol
Parameter
Condition
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com