Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW81200 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STW81200
Description  Wideband RF PLL fractional/integer frequency synthesizer with integrated VCOs and LDOs
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81200 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STW81200 Datasheet HTML 9Page - STMicroelectronics STW81200 Datasheet HTML 10Page - STMicroelectronics STW81200 Datasheet HTML 11Page - STMicroelectronics STW81200 Datasheet HTML 12Page - STMicroelectronics STW81200 Datasheet HTML 13Page - STMicroelectronics STW81200 Datasheet HTML 14Page - STMicroelectronics STW81200 Datasheet HTML 15Page - STMicroelectronics STW81200 Datasheet HTML 16Page - STMicroelectronics STW81200 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 58 page
background image
DocID025943 Rev 7
13/58
STW81200
Electrical specifications
57
5
Electrical specifications
All electrical specifications are given at 25oC TAMB and in a full-current mode, unless
otherwise stated.
Table 6. Electrical specifications
Symbol
Parameter
Condition
Min
Typ
Max
Units
Output frequency range
FOUT
Output Frequency
Direct output
3000
-
6000
MHz
Divider by 2 output
1500
-
3000
MHz
……
-
MHz
Divider by 64 output
46.875
-
93.75
MHz
VCO dividers
N
VCO Divider Ratio
Integer Mode
24
-
131071
-
Fractional mode (DSM 1st
Order)
24
-
510
-
Fractional mode (DSM 2nd
Order)
25
-
509
-
Fractional mode (DSM 3rd
Order)
27
-
507
-
Fractional mode (DSM 4st
Order)
31
-
503
-
Xtal oscillator
FXTAL
XTAL frequency range
-
10
-
50
MHz
ESRXTAL
XTAL ESR
-
-
-
50
PXTAL
XTAL Power Dissipation
-
-
-
5
mW
CINXTAL
XTAL Oscillator Input
capacitance
Single ended
0.6
-
-
pF
PNXTAL
XTAL Oscillator Phase
Noise Floor
50 MHz XTAL
-
-162
-
dBc/Hz
TOLXTAL
XTAL Oscillator accuracy
@12 MHz, 25 ºC
-
-
10
ppm
Reference clock and phase frequency detector
Fref
Reference input
frequency(1)
-10
-
800
MHz
Reference input sensitivity
Differential Mode
0.2
1
1.25
Vp
Single Ended Mode
0.35
1
1.25
Vp
PNREFIN
Reference Input Buffer Phase
Noise Floor
Single Ended Mode @100 MHz,
sinusoidal signal 1.25 Vp
-
-163
-
dBc/Hz
LVDS signal @100 MHz
400 mVp
-
-159
-
dBc/Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com