Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW81200 Datasheet(PDF) 37 Page - STMicroelectronics

Part # STW81200
Description  Wideband RF PLL fractional/integer frequency synthesizer with integrated VCOs and LDOs
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81200 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STW81200 Datasheet HTML 33Page - STMicroelectronics STW81200 Datasheet HTML 34Page - STMicroelectronics STW81200 Datasheet HTML 35Page - STMicroelectronics STW81200 Datasheet HTML 36Page - STMicroelectronics STW81200 Datasheet HTML 37Page - STMicroelectronics STW81200 Datasheet HTML 38Page - STMicroelectronics STW81200 Datasheet HTML 39Page - STMicroelectronics STW81200 Datasheet HTML 40Page - STMicroelectronics STW81200 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 58 page
background image
DocID025943 Rev 7
37/58
STW81200
Circuit description
57
ST2 Register
Address:
STW81200BaseAddress + 0x02
Type:
R/W
Applicability:
Double buffered (based upon DBR bit setting)
Description:
MOD value, RF2 output control
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
876543
21
0
RW
RW
RW
RW
RW
[26]
DBR: Double buffering bit enable; at ‘1’ the register is buffered and transferred only once the master
register ST0 is written
[25]
RESERVED: must be set to ‘0’
[24]
RF2_OUT_PD: RF2 output power down
0 = RF2 output enabled
1 = RF2 output disabled
[23:21]
RF2_DIV_SEL: RF2 output divider selection
000: (0) VCO direct
001: (1) VCO divided by 2
010: (2) VCO divided by 4
011: (3) VCO divided by 8
100: (4) VCO divided by 16
101: (5) VCO divided by 32
110: (6) VCO divided by 64
111: (7) same divided output of RF1 (not valid if RF1_DIV_SEL=0)
[20:0]
MOD: Modulus value bit; set the denominator value of the fractional part of the overall division ratio
(N=NINT+FRAC/MOD)
Range: 2 to 2097151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com