Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW81200 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW81200
Description  Wideband RF PLL fractional/integer frequency synthesizer with integrated VCOs and LDOs
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81200 Datasheet(HTML) 1 Page - STMicroelectronics

  STW81200 Datasheet HTML 1Page - STMicroelectronics STW81200 Datasheet HTML 2Page - STMicroelectronics STW81200 Datasheet HTML 3Page - STMicroelectronics STW81200 Datasheet HTML 4Page - STMicroelectronics STW81200 Datasheet HTML 5Page - STMicroelectronics STW81200 Datasheet HTML 6Page - STMicroelectronics STW81200 Datasheet HTML 7Page - STMicroelectronics STW81200 Datasheet HTML 8Page - STMicroelectronics STW81200 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
January 2016
DocID025943 Rev 7
1/58
STW81200
Wideband RF PLL fractional/integer frequency synthesizer
with integrated VCOs and LDOs
Datasheet
- production data
Features
• Output frequency range: 46.875 to 6000 MHz
• Very Low Noise
– Normalized in band phase noise floor:
-227 dBc/Hz
– VCO phase noise: -135 dBc/Hz @ 1 MHz
offset, 4.0 GHz carrier
– Noise floor: -160 dBc/Hz
• Dual architecture frequency synthesizer:
Fractional-N and Integer-N
• Integrated VCOs with automatic center
frequency calibration
• Programmable RF output dividers by
1/2/4/8/16/32/64
• Dual RF Output broadband matched with
programmable power level and mute function
• External VCO option with 5 V charge pump
• Integrated low noise LDO voltage regulators
• Maximum phase detector frequency: 100 MHz
• Exact frequency mode
• Fast lock and cycle slip reduction
• Differential reference clock input (LVDS and
LVECPL compliant) supporting up to 800 MHz
• 13-bit programmable reference frequency
divider
• Programmable charge pump current
• Digital lock detector
• Integrated reference crystal oscillator core
• R/W SPI interface
• Logic compatibility/tolerance 1.8 V/3.3 V
• Low Power Functional mode
• Supply Voltage: 3.0 V to 5.4 V
• Small size exposed pad VFQFPN36 package
6 x 6 x 1.0 mm
• Process: BICMOS 0.25 µm SiGe
Applications
• Cellular/4G infrastructure equipment
• Instrumentation and test equipment
• Cable TV
• Other wireless communication systems
Description
The STW81200 is a dual architecture frequency
synthesizer (Fractional-N and Integer-N), that
features three low phase-noise VCOs with a
fundamental frequency range of 3.0 GHz to
6.0 GHz and a programmable dual RF output
divider stage which allows coverage from
46.875 MHz to 6 GHz.
The STW81200 optimizes size and cost of the
final application thanks to the integration of low-
noise LDO voltage regulators and internally-
matched broadband RF outputs.
The STW81200 is compatible with a wide range
of supply voltages (from 3.0 V to 5.4 V) providing
to the end user a very high level of flexibility which
trades off excellent performance with power
dissipation requirements. A low-power functional
mode (software controlled) gives an extra power
saving.
Additional features include crystal oscillator core,
external VCO mode and output-mute function.
VFQFPN36
Table 1. Device summary
Order Code
Package
Packing
STW81200T
VFQFPN36
Tray
STW81200TR
VFQFPN36
Tape and reel
www.st.com


Similar Part No. - STW81200

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW81100 STMICROELECTRONICS-STW81100 Datasheet
915Kb / 23P
MULTI-BAND RF FREQUENCY SYNTHESIZER WITH INTEGRATED VCOS
STW81100 STMICROELECTRONICS-STW81100 Datasheet
1,004Kb / 29P
MULTI-BAND RF FREQUENCY SYNTHESIZER WITH INTEGRATED VCOs
16-Dec-2005
STW81100AT STMICROELECTRONICS-STW81100AT Datasheet
915Kb / 23P
MULTI-BAND RF FREQUENCY SYNTHESIZER WITH INTEGRATED VCOS
STW81100AT-1 STMICROELECTRONICS-STW81100AT-1 Datasheet
1,004Kb / 29P
MULTI-BAND RF FREQUENCY SYNTHESIZER WITH INTEGRATED VCOs
16-Dec-2005
STW81100ATR STMICROELECTRONICS-STW81100ATR Datasheet
915Kb / 23P
MULTI-BAND RF FREQUENCY SYNTHESIZER WITH INTEGRATED VCOS
More results

Similar Description - STW81200

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI2200 SILABS-SI2200 Datasheet
824Kb / 30P
RF SYNTHESIZER WITH INTEGRATED VCOS INTEGRATED VCOS
logo
Analog Devices
ADF4151 AD-ADF4151 Datasheet
462Kb / 28P
Fractional-N/Integer-N PLL Synthesizer
REV. B
ADF4150BCPZ AD-ADF4150BCPZ Datasheet
486Kb / 28P
Fractional-N/Integer-N PLL Synthesizer
REV. 0
ADRF6720-27 AD-ADRF6720-27 Datasheet
3Mb / 44P
Wideband Quadrature Modulator with Integrated Fractional-N PLL and VCOs
REV. B
logo
Integrated Device Techn...
8V97053L IDT-8V97053L Datasheet
1Mb / 68P
Low Power Wideband Fractional RF Synthesizer / PLL
8V97051 IDT-8V97051_17 Datasheet
987Kb / 55P
Low Power Wideband Fractional RF Synthesizer / PLL
8V97051L IDT-8V97051L Datasheet
1,010Kb / 57P
Low Power Wideband Fractional RF Synthesizer / PLL
logo
Renesas Technology Corp
8V97051L RENESAS-8V97051L Datasheet
1Mb / 57P
Low Power Wideband Fractional RF Synthesizer / PLL
logo
Analog Devices
ADRF6720 AD-ADRF6720 Datasheet
3Mb / 44P
Wideband Quadrature Modulator with Integrated Fractional-N PLL and VCOs
4/14-Revision 0
logo
STMicroelectronics
STUW81300 STMICROELECTRONICS-STUW81300 Datasheet
1Mb / 63P
Wideband RF/microwave PLL fractional/integer frequency synthesizer with integrated VCOs and LDOs
17-Mar-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com