Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW81200 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STW81200
Description  Wideband RF PLL fractional/integer frequency synthesizer with integrated VCOs and LDOs
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81200 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STW81200 Datasheet HTML 10Page - STMicroelectronics STW81200 Datasheet HTML 11Page - STMicroelectronics STW81200 Datasheet HTML 12Page - STMicroelectronics STW81200 Datasheet HTML 13Page - STMicroelectronics STW81200 Datasheet HTML 14Page - STMicroelectronics STW81200 Datasheet HTML 15Page - STMicroelectronics STW81200 Datasheet HTML 16Page - STMicroelectronics STW81200 Datasheet HTML 17Page - STMicroelectronics STW81200 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 58 page
background image
Electrical specifications
STW81200
14/58
DocID025943 Rev 7
IREF
Current consumption(2)
Differential Mode
-
10
-
mA
Single Ended Mode
-
3
-
XTAL oscillator Mode
-
5
-
R
Reference Divider Ratio
-
1
-
8191
FPFD
PFD input frequency(3)
--
-
100
MHz
FSTEP
Frequency step(3)
LO direct output
-
47.5
-
Hz
LO with divider by 2
-
23.75
-
Hz
…-
…
-
Hz
LO with divider by 64
-
0.7422
-
Hz
Charge pump
VCCCPOUT
CP Supply
Pin # 16 (VCC_CPOUT)
2.5
-
5
V
ICP
ICP sink/source
5-bit programmable
-
-
4.9
mA
VICP
Output voltage range on
ICP pin (pin#14)
-0.4
-
VCCCPOUT
-0.4
V
-
Comparison frequency
Spurs (4)
--
-85
-
dBc
-
In-Band Fractional Spurs
(5)
--
-50
-
VCOs
VCCVCOCore VCO Core Supply
Pin # 3 (VCC_VCO_Core)
2.5
-
5
V
IVCOCore
Oscillator Core current
consumption
@ 4 GHz and 4.5 V supply
-
52
-
mA
@ 4 GHz and 3.3 V supply
-
35
-
@ 4 GHz and 2.6 V supply
-
30
-
IVCOBUF
VCO buffer consumption
Pin # 3 (VCC_VCO_Core)
-
35
-
mA
KVCO
VCO gain
-
-
35-95
-
MHz/V
ΔTLK
Maximum temperature
variation for continuous
lock(6)(7)
Pin #16 @4.5/5 V
-125
-
125
oC
Pin #16 @3.3 V
-125
-
125
oC
Pin #16 @2.6 V
-125
-
115
oC
RF output stage
VCCRFOUT
RF Output supply
Pin # 35 (VCC_RFOUT)
2.5
-
5
V
POUT
Output level
Differential 3.3 V to 5 V supply
-1
-
+7
dBm
-
Differential 2.6 V supply
-1
-
+1
ZOUT
Output impedance
Differential
-
100
-
Ω
Single Ended
-
50
-
Ω
RL
Return Loss
Matched to 50-ohm Single
Ended
-15
-
dB
Table 6. Electrical specifications (continued)
Symbol
Parameter
Condition
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com