Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW81200 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STW81200
Description  Wideband RF PLL fractional/integer frequency synthesizer with integrated VCOs and LDOs
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81200 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STW81200 Datasheet HTML 6Page - STMicroelectronics STW81200 Datasheet HTML 7Page - STMicroelectronics STW81200 Datasheet HTML 8Page - STMicroelectronics STW81200 Datasheet HTML 9Page - STMicroelectronics STW81200 Datasheet HTML 10Page - STMicroelectronics STW81200 Datasheet HTML 11Page - STMicroelectronics STW81200 Datasheet HTML 12Page - STMicroelectronics STW81200 Datasheet HTML 13Page - STMicroelectronics STW81200 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 58 page
background image
Absolute maximum ratings
STW81200
10/58
DocID025943 Rev 7
3
Absolute maximum ratings
Table 3. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage pins #14, #17, #26
-0.3 to 2.7
V
Supply voltage LDOs pins #9, #18, #28, #36
-0.3 to 5.4
V
Supply voltage pins #3
-0.3 to 5
V
Supply voltage pins #16, #32
-0.3 to 5.4
V
Tstg
Storage temperature
+150
°C
ESD
Electrical Static Discharge
HBM(1)
CDM-JEDEC Standard
MM
2
0.5
0.2
kV
1. The maximum rating of the ESD protection circuitry on pin 21 (REF_CLKP) is 1.5 kV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com