Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW81200 Datasheet(PDF) 57 Page - STMicroelectronics

Part # STW81200
Description  Wideband RF PLL fractional/integer frequency synthesizer with integrated VCOs and LDOs
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81200 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button STW81200 Datasheet HTML 50Page - STMicroelectronics STW81200 Datasheet HTML 51Page - STMicroelectronics STW81200 Datasheet HTML 52Page - STMicroelectronics STW81200 Datasheet HTML 53Page - STMicroelectronics STW81200 Datasheet HTML 54Page - STMicroelectronics STW81200 Datasheet HTML 55Page - STMicroelectronics STW81200 Datasheet HTML 56Page - STMicroelectronics STW81200 Datasheet HTML 57Page - STMicroelectronics STW81200 Datasheet HTML 58Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 57 / 58 page
background image
DocID025943 Rev 7
57/58
STW81200
Revision history
57
11
Revision history
Table 14. Document revision history
Date
Revision
Changes
21-Feb-2014
1
Initial release.
07-Apr-2014
2
Removed confidential banner
04-Sep-2014
3
Added HBM footnote in Table 3: Absolute maximum ratings
Updated device ID in ST11 Register on page 49
Updated to use latest corporate template and legal disclaimer.
23-Sep-2014
4
Changed ‘Multi-band’ to ‘Wideband’ in document title.
12-Jun-2015
5
Renamed pin 14 to VDD_CP in Table 2: Pin description.
Added IOL and IOH values in Table 5: Digital logic levels
Updated parameter VICP in Table 6: Electrical specifications
Updated Figure 9 through Figure 28
Added Section 7.3.1: Fractional spurs and compensation mechanism.
Updated
– Section 7.6: Charge pump.
– Section 7.9: Voltage controlled oscillators (VCOs)
– Section 7.10: RF output divider stage
– Section 7.11: Low-power functional modes
– Section 7.12: LDO voltage regulators
Updated ST0 register description in Table 11: SPI Register map (address 12
to 15 not available)
Updated following register bitfield descriptions:
– STW81200 register descriptions bit PFD_DEL
– ST3 Register bits CP_LEAK and DNSPLIT_EN
– ST4 Register bit RF_OUT_PWR
– ST6 Register bit MAN_CALB_EN
– ST8 Register bit REG_VCO_4V5_VOUT
– ST10 Register bit REG_VCO_OCP
Updated Section 7.17: Example of Register programming
Added notes to Figure 33 and Figure 34
Added Section 9: Evaluation Kit
Re formatted Section 10: Package information to comply with latest
corporate guidelines.
08-Jul-2015
6
Regenerated for XML generation.
04-Jan-2016
7
Updated parameter Kvco in Table 6: Electrical specifications
Updated:
– Section 7.6: Charge pump
– Section 7.16: Power ON sequence.
Re-named Section 8: Application information, and added Section 8.2:
Thermal PCB design considerations.
In Table 6: Electrical specifications updated dimensions D2 and E2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com