Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW81200 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STW81200
Description  Wideband RF PLL fractional/integer frequency synthesizer with integrated VCOs and LDOs
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81200 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STW81200 Datasheet HTML 5Page - STMicroelectronics STW81200 Datasheet HTML 6Page - STMicroelectronics STW81200 Datasheet HTML 7Page - STMicroelectronics STW81200 Datasheet HTML 8Page - STMicroelectronics STW81200 Datasheet HTML 9Page - STMicroelectronics STW81200 Datasheet HTML 10Page - STMicroelectronics STW81200 Datasheet HTML 11Page - STMicroelectronics STW81200 Datasheet HTML 12Page - STMicroelectronics STW81200 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 58 page
background image
DocID025943 Rev 7
9/58
STW81200
Pin definitions
57
22
LD_SDO
Lock Detector/SPI Data output
CMOS push-pull Output 2.5V with slew
rate control or open drain (1.8V to 3.3V
tolerant)
23
SDI
SPI Data input
CMOS Schmitt triggered Input, 1.8 V
compatible, 3.3 V tolerant
24
SCK
SPI clock
CMOS Schmitt triggered Input, 1.8 V
compatible, 3.3 V tolerant
25
LE
SPI load enable
CMOS Schmitt triggered Input, 1.8 V
compatible, 3.3 V tolerant
26
VDD_DSM_NDIV
Supply voltage for DSM and N
divider
This pin must be connected to
VREG_DIG
27
VREG_DIG
Regulated output voltage for
digital circuitry regulator
-
28
VIN_LDO_RF_DIG
Supply voltage for RF Output
divider stage and digital regulators
-
29
VREG_RF
Regulated output voltage for RF
Output Divider stage regulator
-
30
RF1_OUTN
Main RF negative output
50
Ω output impedance
31
RF1_OUTP
Main RF positive output
50
Ω output impedance
32
VCC_RFOUT
Supply voltage for RF Output
stages
Connected to VREG_DIV, VREG_4V5
or external 5V
33
RF2_OUTN
Auxiliary RF negative output
50
Ω output impedance
34
RF2_OUTP
Auxiliary RF positive output
50
Ω output impedance
35
TEST_SE
Test pin
This pin must be connected to ground
36
VIN_LDO_4V5
Supply voltage for 4.5 V regulator -
Table 2. Pin description (continued)
Pin No
Name
Description
Observation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com