Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW81200 Datasheet(PDF) 32 Page - STMicroelectronics

Part # STW81200
Description  Wideband RF PLL fractional/integer frequency synthesizer with integrated VCOs and LDOs
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81200 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STW81200 Datasheet HTML 28Page - STMicroelectronics STW81200 Datasheet HTML 29Page - STMicroelectronics STW81200 Datasheet HTML 30Page - STMicroelectronics STW81200 Datasheet HTML 31Page - STMicroelectronics STW81200 Datasheet HTML 32Page - STMicroelectronics STW81200 Datasheet HTML 33Page - STMicroelectronics STW81200 Datasheet HTML 34Page - STMicroelectronics STW81200 Datasheet HTML 35Page - STMicroelectronics STW81200 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 58 page
background image
Circuit description
STW81200
32/58
DocID025943 Rev 7
Very-low noise requirements have been assumed for the design of the VCO-related
regulators (LDO_VCO and LDO_4V5). To comply with the noise specifications, these LDOs
exploit an additional external bypass (feed forward) capacitor of 100 nF.
All LDOs include over-current protection to avoid short-circuit failures, as well as internal
power ramping to minimize startup current peaks.
All LDOs operate from a reference voltage of 1.35 V, which is internally generated by an
integrated band-gap circuit and noise-filtered through an external 10 µF capacitor.
7.13
STW81200 register programming
The STW81200 has 12 registers (10 R/W + 2 Read-Only) programmed through an SPI
digital interface. The protocol uses 3 wires (SDI, SCK, LE) for write mode plus an additional
pin (LD_SDO) for read operation. Each register has 32 bits, one for Read/Write mode
selection, 4 address bits and 27 data bits.
Figure 31. SPI Protocol
1. Bit for double buffering used for some registers only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com