Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW81200 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STW81200
Description  Wideband RF PLL fractional/integer frequency synthesizer with integrated VCOs and LDOs
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81200 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STW81200 Datasheet HTML 11Page - STMicroelectronics STW81200 Datasheet HTML 12Page - STMicroelectronics STW81200 Datasheet HTML 13Page - STMicroelectronics STW81200 Datasheet HTML 14Page - STMicroelectronics STW81200 Datasheet HTML 15Page - STMicroelectronics STW81200 Datasheet HTML 16Page - STMicroelectronics STW81200 Datasheet HTML 17Page - STMicroelectronics STW81200 Datasheet HTML 18Page - STMicroelectronics STW81200 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 58 page
background image
DocID025943 Rev 7
15/58
STW81200
Electrical specifications
57
H2
LO 2nd Harmonic
Direct output (single/differential)
-
-30/-40
-
dBc
Divided output
(single/differential)
-
-30/-35
-
dBc
H3
LO 3rd Harmonic
Direct output (single/differential)
-
-15/-15
-
dBc
Divided output
(single/differential)
-
-15/-15
-
dBc
PMUTE
Level of Signal with RF
Mute Enabled
Direct output @4 GHz
(single/diff)
-
-45/-60
-
dBm
Divided output @2 GHz
(single/diff)
-
-45/-60
-
dBm
PISO
Main/aux port isolation
Direct output @4 GHz
(single/diff)
-
-35/-40
-
dBc
Divided output @2 GHz
(single/diff)
-
-40/-45
-
dBc
IDIV
RF Divider Current
Consumption(8)
Direct output (1 differential
output)
-28
-
mA
DIV2 buff (1 differential output)
-
47
-
DIV4 buff (1 differential output)
-
56
-
DIV8 buff (1 differential output)
-
65
-
DIV16 buff (1 differential output)
-
75
-
DIV32 buff (1 differential output)
-
83
DIV64 buff (1 differential output)
-
92
-
Auxiliary path enabled
-
19
-
IRFOUTBUF
RF Output Buffer Current
Consumption(8)
3.3 V to 5 V supply (1
differential output; POUT =
+7 dBm)
-25
-
mA
3.3 V to 5 V Auxiliary path
enabled
-25
-
2.6 V supply (1 differential
output; POUT = +1 dBm)
-12
-
2.6 V Auxiliary path enabled
-
12
-
Table 6. Electrical specifications (continued)
Symbol
Parameter
Condition
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com