Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW81200 Datasheet(PDF) 46 Page - STMicroelectronics

Part # STW81200
Description  Wideband RF PLL fractional/integer frequency synthesizer with integrated VCOs and LDOs
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81200 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STW81200 Datasheet HTML 42Page - STMicroelectronics STW81200 Datasheet HTML 43Page - STMicroelectronics STW81200 Datasheet HTML 44Page - STMicroelectronics STW81200 Datasheet HTML 45Page - STMicroelectronics STW81200 Datasheet HTML 46Page - STMicroelectronics STW81200 Datasheet HTML 47Page - STMicroelectronics STW81200 Datasheet HTML 48Page - STMicroelectronics STW81200 Datasheet HTML 49Page - STMicroelectronics STW81200 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 58 page
background image
Circuit description
STW81200
46/58
DocID025943 Rev 7
ST8 Register
Address:
STW81200BaseAddress + 0x08
Type:
R/W
Description:
LDO Voltage Regulator settings
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
765
4321
0
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
[26]
PD_RF2_DISABLE: at ‘1’ disable the hardware power down function of the pin PD_RF2 (pin #6) thus
allowing the pin PD_RF1 (pin #5) to control the power down status of both RF Output stages
[25]
RESERVED: must be set to ‘0’
[24]
RESERVED: must be set to ‘0’
[23]
RESERVED: must be set to ‘0’
[22]
RESERVED: must be set to ‘0’
[21]
RESERVED: must be set to ‘0’
[20]
RESERVED: must be set to ‘0’
[19]
REG_OCP_DIS: for test purposes only; must be set to ‘0’ (at ‘1’ disable the over-current protection of
LDO Voltage Regulators except DIG regulator)
[18]
REG_DIG_PD: DIGITAL Regulator power down; must be set to ‘0’
[17:16]
REG_DIG_VOUT: DIGITAL Regulator output voltage set
00: (0) 2.6 V (Default)
01: (1) 2.3 V (for test purposes only)
10: (2) 2.4 V (for test purposes only)
11: (3) 2.5 V (for test purposes only)
[15]
RESERVED: must be set to ‘0’
[14]
REG_REF_PD: REFERENCE CLOCK Regulator power down; must be set to ‘0’
[13:12]
REG_REF_VOUT: REFERENCE CLOCK Regulator output voltage set
00: (0) 2.6 V (default)
01: (1) 2.5 V (for test purposes only)
10: (2) 2.7 V (for test purposes only)
11: (3) 2.8 V (for test purposes only)
[11]
RESERVED: must be set to ‘0’
[10]
REG_RF_PD: RF Output section Regulator power down; must be set to ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com