Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW81200 Datasheet(PDF) 50 Page - STMicroelectronics

Part # STW81200
Description  Wideband RF PLL fractional/integer frequency synthesizer with integrated VCOs and LDOs
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81200 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button STW81200 Datasheet HTML 46Page - STMicroelectronics STW81200 Datasheet HTML 47Page - STMicroelectronics STW81200 Datasheet HTML 48Page - STMicroelectronics STW81200 Datasheet HTML 49Page - STMicroelectronics STW81200 Datasheet HTML 50Page - STMicroelectronics STW81200 Datasheet HTML 51Page - STMicroelectronics STW81200 Datasheet HTML 52Page - STMicroelectronics STW81200 Datasheet HTML 53Page - STMicroelectronics STW81200 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 58 page
background image
Circuit description
STW81200
50/58
DocID025943 Rev 7
7.16
Power ON sequence
In order to guarantee the correct start-up of the internal circuitry after the power on, the
following steps must be followed:
1.
Power up the device (LDO supply pins: pin#9 #18, #28 and #36)
2.
Once the voltages applied on the LDO supply pins are stable, wait 50 ms. (After this
transient time, the LDOs are powered on with the regulated voltages available at pins
#2, #8, #19, #27 and #29, while all other circuits are in power down mode)
3.
Provide the reference clock signal
4.
Implement the first programming sequence as follows:
a)
Program register ST9 (test and initialization) with all bit set to ‘0’
b)
Program register ST0 according to the desired configuration
c)
Program the following registers in the specified order according to the desired
configuration: ST8, ST7, ST6, ST5, ST4, ST3, ST2, ST1, ST0
5.
Check the PLL Lock status on pin LD_SDO (pin #26) and/or read all relevant
information provided on registers ST10 and ST11.
7.17
Example of Register programming
Setup conditions and requirements:
•
Unregulated Supply voltage: 5.0 V
•
Reference Clock: 122.88 MHz, single-ended, sine wave
•
LO Frequency: 2646.96 MHz – exact freq. mode (VCO Frequency=5293.92 MHz)
•
Output Power: +7 dBm (differential)
•
Phase Noise requirements: full performance VCO, full performance Noise floor.
Register configurations (Hex values including register address)
•
ST9 = 0x48000000 (initialization; all bits set to ‘0’)
•
ST8 = 0x40000003 (REG_4V5 = 4.5 V)
•
ST7 = 0x39000000 (“fast lock” not used; LD_SDO pin configured as 2.5 V CMOS
buffer)
•
ST6 = 0x30001000 (DITHERING=0; DSM_ORDER=0 for 3rd order DSM;
CAL_TEMP_COMP=1 to guarantee lock on extreme temperature drift)
•
ST5 = 0x28000000 (low power modes not used)
•
ST4 = 0x2387838D (lock detector setting for fractional mode and FPFD = 61.44 MHz;
REF_BUF_MODE=3 for single-ended mode; VCO_AMP=15 for best VCO phase noise
@4.5 V supply; RF_OUT_PWR=7 to have +7 dBm differential)
•
ST3 = 0x18008002 (PFD_DEL_MODE = ‘VCO_DIV_delayed’, R=2 and
REF_PATH_SEL = 0 ‘direct’ for FPFD= 61.44 MHz)
•
ST2 = 0x13000080 (MOD=128; RF2_OUT_PD=1 for RF2 Output in power down)
•
ST1 = 0x08200015 (FRAC=21; RF1_DIVSEL=1 set RF1 Output with VCO freq.
Divided By 2)
•
ST0 = 0x03E00056 (NINT=86; PFD_DEL = 1.2 ns; CPSEL = 31 for Icp = 4.9 mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com