Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW81200 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STW81200
Description  Wideband RF PLL fractional/integer frequency synthesizer with integrated VCOs and LDOs
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81200 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STW81200 Datasheet HTML 7Page - STMicroelectronics STW81200 Datasheet HTML 8Page - STMicroelectronics STW81200 Datasheet HTML 9Page - STMicroelectronics STW81200 Datasheet HTML 10Page - STMicroelectronics STW81200 Datasheet HTML 11Page - STMicroelectronics STW81200 Datasheet HTML 12Page - STMicroelectronics STW81200 Datasheet HTML 13Page - STMicroelectronics STW81200 Datasheet HTML 14Page - STMicroelectronics STW81200 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 58 page
background image
DocID025943 Rev 7
11/58
STW81200
Operating conditions
57
4
Operating conditions
Table 4. Operating conditions
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
VCC
Supply voltage pins #14, #17,
#26
-
2.5
-
2.7
V
Supply voltage (LDOs inputs)
pins #9, #18, #28, #36
-
3.0
-
5.4
V
Supply voltage pin #3, #16, #32
-
2.5
-
5
V
ICC
Current Consumption Pin #3,
#16 and #32 supplied at 4.5 V
DIV2 ON, Main Output only,
4 GHz VCO, max. performance
-84
-
mA
Current Consumption Pin #3,
#16 and #32 supplied at 2.6 V
-50
-
mA
Current consumption other
blocks an supplies at 2.6 V
-110
-
mA
TA
Operating ambient temperature
-
-40
-
85
°C
TJ
Maximum junction temperature
-
-
-
125
°C
ΘJA
Junction to ambient package
thermal resistance(1)
Multilayer JEDEC board
-
33
-
°C/W
ΘJB
Junction to board package
thermal resistance(1)
Multilayer JEDEC board
-
18
-
°C/W
ΘJC
Junction to case package
thermal resistance(1)
Multilayer JEDEC board
-
3
-
°C/W
ΨJB
Thermal characterization
parameter junction to board(1)
Multilayer JEDEC board
-
17
-
°C/W
ΨJT
Thermal characterization
parameter junction to top case(1)
Multilayer JEDEC board
-
0.3
-
°C/W
1. Refer to JEDEC standard JESD 51-12 for a detailed description of the thermal resistances and thermal parameters. Data
here presented are referring to a Multilayer board according to JEDEC standard.
TJ = TA + ΘJA * Pdiss (in order to estimate TJ if ambient temperature TA and dissipated power Pdiss are known)
TJ = TB + ΨJB * Pdiss (in order to estimate TJ if ambient temperature TB and dissipated power Pdiss are known)
TJ = TT + ΨJT * Pdiss (in order to estimate TJ if ambient temperature TT and dissipated power Pdiss are known)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com