Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW81200 Datasheet(PDF) 47 Page - STMicroelectronics

Part # STW81200
Description  Wideband RF PLL fractional/integer frequency synthesizer with integrated VCOs and LDOs
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81200 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STW81200 Datasheet HTML 43Page - STMicroelectronics STW81200 Datasheet HTML 44Page - STMicroelectronics STW81200 Datasheet HTML 45Page - STMicroelectronics STW81200 Datasheet HTML 46Page - STMicroelectronics STW81200 Datasheet HTML 47Page - STMicroelectronics STW81200 Datasheet HTML 48Page - STMicroelectronics STW81200 Datasheet HTML 49Page - STMicroelectronics STW81200 Datasheet HTML 50Page - STMicroelectronics STW81200 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 58 page
background image
DocID025943 Rev 7
47/58
STW81200
Circuit description
57
ST9 Register
Address:
STW81200BaseAddress + 0x09
Type:
R/W
Description:
Reserved (Test & Initialization bit)
[9:8]
REG_RF_VOUT: RF Output section Regulator output voltage set
00: (0) 2.6 V (default)
01: (1) 2.5 V (for test purposes only)
10: (2) 2.7 V (for test purposes only)
11: (3) 2.8 V (for test purposes only)
[7]
RESERVED: must be set to ‘0’
[6]
REG_VCO_PD: VCO bias-and-control regulator power down; must be set to ‘0’
[5:4]
REG_VCO_VOUT: VCO bias-and-control regulator output voltage set
00: (0) 2.6 V (default)
01: (1) 2.5 V (for test purposes only)
10: (2) 2.7 V (for test purposes only)
11: (3) 2.8 V (for test purposes only)
[3]
RESERVED: must be set to ‘0’
[2]
REG_VCO_4V5_PD: High-voltage regulator power down (to be used to supply VCO core, RF output final
stage and Charge Pump). Must be set to ‘0’
[1:0]
REG_VCO_4V5_VOUT: High-voltage regulator output voltage set (to be used to supply VCO core, RF
output final stage and charge-pump output)
00: (0) 5.0 V (Require 5.4 V unregulated voltage line on pin# 36 for test purposes only)
01: (1) 2.6 V (3.0-5.4 V unregulated voltage line Range allowed on pin#36)
10: (2) 3.3 V (3.6-5.4 V unregulated voltage line Range allowed on pin#36)
11: (3) 4.5 V (5.0-5.4 V unregulated voltage line Range allowed on pin#36)
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7654321
0
RW
[26:0]
RESERVED: Test & Initialization bit; must be set to ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com