Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW81200 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STW81200
Description  Wideband RF PLL fractional/integer frequency synthesizer with integrated VCOs and LDOs
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81200 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STW81200 Datasheet HTML 13Page - STMicroelectronics STW81200 Datasheet HTML 14Page - STMicroelectronics STW81200 Datasheet HTML 15Page - STMicroelectronics STW81200 Datasheet HTML 16Page - STMicroelectronics STW81200 Datasheet HTML 17Page - STMicroelectronics STW81200 Datasheet HTML 18Page - STMicroelectronics STW81200 Datasheet HTML 19Page - STMicroelectronics STW81200 Datasheet HTML 20Page - STMicroelectronics STW81200 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 58 page
background image
DocID025943 Rev 7
17/58
STW81200
Electrical specifications
57
Table 7. Phase noise specifications
Parameter
Min
Typ
Max
Units
Normalized In-Band Phase Noise(1) Floor(2)
--227
-
dBc/Hz
VCO Open Loop Phase Noise(1) at FOUT @ 4 GHz – VIN=5.0 V, VREG=4.5 V
Phase Noise @ 1 kHz
-
-64
-
dBc/Hz
Phase Noise @ 10 kHz
-
-91
-
dBc/Hz
Phase Noise @ 100 kHz
-
-114
-
dBc/Hz
Phase Noise @ 1 MHz
-
-135
-
dBc/Hz
Phase Noise @ 10 MHz
-
-154
-
dBc/Hz
Phase Noise @ 100 MHz
-
-160
-
dBc/Hz
VCO Open Loop Phase Noise(1) at FOUT @ 4 GHz/2 = 2GHz – VIN=5.0 V, VREG=4.5 V
Phase Noise @ 1 kHz
-
-70
-
dBc/Hz
Phase Noise @ 10 kHz
-
-97
-
dBc/Hz
Phase Noise @ 100 kHz
-
-120
-
dBc/Hz
Phase Noise @ 1 MHz
-
-141
-
dBc/Hz
Phase Noise @ 10 MHz
-
-156
-
dBc/Hz
Phase Noise @ 40 MHz
-
-159
-
dBc/Hz
VCO Open Loop Phase Noise(1) at FOUT @ 4 GHz/4 = 1 GHz – VIN=5.0 V, VREG=4.5 V
Phase Noise @ 1 kHz
-
-76
-
dBc/Hz
Phase Noise @ 10 kHz
-
-103
-
dBc/Hz
Phase Noise @ 100 kHz
-
-126
-
dBc/Hz
Phase Noise @ 1 MHz
-
-146
-
dBc/Hz
Phase Noise @ 10 MHz
-
-159
-
dBc/Hz
Phase Noise Floor
-
-160
-
dBc/Hz
VCO Open Loop Phase Noise(1) at FOUT @ 4 GHz/32 = 125 MHz – VIN=5.0 V, VREG=4.5 V
Phase Noise @ 1 kHz
-
-92
-
dBc/Hz
Phase Noise @ 10 kHz
-
-121
-
dBc/Hz
Phase Noise @ 100 kHz
-
-144
-
dBc/Hz
Phase Noise @ 1 MHz
-
-161
-
dBc/Hz
Phase Noise @ 10 MHz
-
-163
-
dBc/Hz
Phase Noise Floor
-
-164
-
dBc/Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com