Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMLQ25201T-R47MSR Datasheet (PDF) - Renesas Technology Corp

HMLQ25201T-R47MSR Datasheet PDF - Renesas Technology Corp
Part # HMLQ25201T-R47MSR
Download  HMLQ25201T-R47MSR Download
File Size   713.49 Kbytes
Page   52 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Current, Highly Configurable System PMIC with Four Bucks and One LDO

HMLQ25201T-R47MSR Datasheet (PDF)

Go To PDF Page Download Datasheet
HMLQ25201T-R47MSR Datasheet PDF - Renesas Technology Corp

Part # HMLQ25201T-R47MSR
Download  HMLQ25201T-R47MSR Click to download

File Size   713.49 Kbytes
Page   52 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Current, Highly Configurable System PMIC with Four Bucks and One LDO

HMLQ25201T-R47MSR Datasheet (HTML) - Renesas Technology Corp


HMLQ25201T-R47MSR Product details

General Description
DA9080 is a five-channel advanced, configurable, system power management IC (PMIC) with four
buck regulators and one LDO. This highly integrated, flexible PMIC is capable of up to 10 A of output
current. The output voltage of the regulators can be programmed and sequenced based on the
application needs. The DA9080 also integrates an 8-bit ADC, along with several other features, that
simplifies overall system design. Dynamic voltage control (DVC), robust protection features, and a
dedicated I2C interface that supports multiple modes extend the applicability of this device to a wide
range of end applications.
The high-efficiency, fast transient response, and small footprint of the DA9080 lends itself to become
the preferred power solution for a host of complex, high-performance applications. The DA9080 is
offered in a QFN package.
Key Features
■ Power supply voltage (VIN) 4.0 V to 5.5 V
■ Four buck converters
■ Selectable output voltage range for bucks:
□ CH1 Buck: 2.1 V to 3.3 V, 20 mV step
□ CH2 Buck: 1.5 V to 2.6 V, 20 mV step
□ CH3 Buck: 0.9 V to 1.3 V, 5 mV step
□ CH4 Buck: 0.8 V to 1.4 V, 5 mV step
■ Maximum output current:
□ CH1, CH2, and CH3 Buck: 1.5 A
□ CH4 Buck: 5.0 A
■ Interleaving of switching phases of bucks
■ LDO:
□ VOUT: 3.3 V, IOUT: 0.2 A (max)
■ General purpose ADC:
□ 8-bit SAR ADC
□ Two external inputs
□ Die temperature sense
■ Protection functions:
□ Over-current protection
□ Over/under-voltage protection
□ Thermal shutdown protection
■ I2C control interface:
□ Standard mode (100 kbit/s)
□ Fast mode (400 kbit/s)
□ Fast mode+ (1 Mbit/s)
■ Package: 32 lead QFN, 5.0 mm x 5.0 mm
Applications
■ Client and Enterprise SSD modules
■ Embedded Computing
■ Integrated Microcontroller Internet of Things
■ DSPs or FPGAs with Peripherals




Similar Part No. - HMLQ25201T-R47MSR

ManufacturerPart #DatasheetDescription
logo
Cyntec Co., Ltd.
HMLQ25201T-R47MSR CYNTEC-HMLQ25201T-R47MSR Datasheet
223Kb / 3P
Power Choke Coil HMLQ25201T MSR Type
More results


Similar Description - HMLQ25201T-R47MSR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3675-1 LINER-LTC3675-1_15 Datasheet
585Kb / 38P
7-Channel Configurable High Power PMIC
logo
Micrel Semiconductor
MIC7400 MICREL-MIC7400_15 Datasheet
5Mb / 68P
Configurable PMIC, Five-Channel Buck Regulator Plus One-Boost with HyperLight Load짰 and I2C Control
logo
Monolithic Power System...
MP5403B MPS-MP5403B Datasheet
1Mb / 23P
Mini PMIC with Dual 4A/5A Peak Bucks, One 2A Load Switch, and Input Power Supervisory
logo
Texas Instruments
TPS6594-Q1 TI-TPS6594-Q1_V01 Datasheet
3Mb / 358P
TPS6594-Q1 Power Management IC (PMIC) for Processors with 5 Bucks and 4 LDOs
logo
NXP Semiconductors
VR5510 NXP-VR5510 Datasheet
2Mb / 203P
Multi-Output PMIC with SMPS and LDO
VR5500 NXP-VR5500 Datasheet
1Mb / 131P
High voltage PMIC with multiple SMPS and LDO
Rev. 6-29 January 2020
FS5502 NXP-FS5502 Datasheet
1Mb / 113P
High voltage PMIC with multiple SMPS and LDO
Rev. 4-27 October 2021
VR5510 NXP-VR5510_V01 Datasheet
2Mb / 194P
Multi-Output PMIC with SMPS and LDO
Rev. 5-6 April 2022
logo
Renesas Technology Corp
DA9083 RENESAS-DA9083 Datasheet
700Kb / 63P
High Current, Highly Configurable System PMIC
18-Mar-2022
logo
NXP Semiconductors
VR5510 NXP-VR5510_V02 Datasheet
2Mb / 203P
Multi-output PMIC with SMPS and LDO
Rev. 6 - 31 July 2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com