Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMLQ25201T-R47MSR Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HMLQ25201T-R47MSR
Description  High Current, Highly Configurable System PMIC with Four Bucks and One LDO
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HMLQ25201T-R47MSR Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button HMLQ25201T-R47MSR Datasheet HTML 4Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 5Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 6Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 7Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 8Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 9Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 10Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 11Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
DA9080
High Current, Highly Configurable System
PMIC with Four Bucks and One LDO
Datasheet
Revision 1.2
08-Feb-2022
CFR0011-120-00
8 of 51
© 2022 Renesas Electronics
Pin #
Pin
Name
Type
(Table 2)
Description
19
FB4
AI
CH4 Buck output voltage feedback connection
20
PG2
DO
Power good output 1, open drain
21
AN1
AI
Input to ADC
22
AN0
AI
Input to ADC
23
AGND
GND
Quiet ground connection, connect to a quiet ground area
24, 31
VSYS
PWR
Filtered from VIN through an RC to provide a clean 5 V supply
25
FB1
AI
CH1 Buck output voltage feedback connection
26
PGND1
GND
CH1 Buck converter power ground
27
LX1
PWR
CH1 Buck converter switching node
28
PVIN1
PWR
CH1 Buck converter input
– internally connected to PVIN3
29
PVIN3
PWR
CH3 Buck converter input
– internally connected to PVIN1
30
LX3
PWR
CH3 Buck converter switching node
32
FB3
AI
CH3 Buck output voltage feedback connection
PAD
GND
GND
Package central pad, connect to PGND
Table 2: Pin Type Definition
Pin Type
Description
Pin Type
Description
DI
Digital input
AI
Analog input
DO
Digital output
AIO
Analog input/output
DIO
Digital input/output
PWR
Power
DIOD
Digital input/output open drain
GND
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com