Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMLQ25201T-R47MSR Datasheet(PDF) 50 Page - Renesas Technology Corp

Part # HMLQ25201T-R47MSR
Description  High Current, Highly Configurable System PMIC with Four Bucks and One LDO
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HMLQ25201T-R47MSR Datasheet(HTML) 50 Page - Renesas Technology Corp

Back Button HMLQ25201T-R47MSR Datasheet HTML 44Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 45Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 46Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 47Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 48Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 49Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 50Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 51Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 52Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 50 / 52 page
background image
DA9080
High Current, Highly Configurable System
PMIC with Four Bucks and One LDO
Datasheet
Revision 1.2
08-Feb-2022
CFR0011-120-00
50 of 51
© 2022 Renesas Electronics
16.1 Recommended External Components
Table 40: Recommended External Components
Value
Size
Supplier
Part Number
4.7 µF
1005 (0402 EIA)
TDK
C1005JB1A475K050BC
10 µF
1005 (0402 EIA)
AVX
0402ZD106MAT2A
22 µF
1608 (0603 EIA)
Murata
GRM188R61A226ME15D
47 µF
1608 (0603 EIA)
Murata
GRM188R60J476ME15D
470 nH
2520
Cyntec
HMLQ25201T-R47MSR
10
Ω
1005 (0402 EIA)
Yageo
RC0402FR-0710RL
16.2 Capacitor Derating
Ceramic capacitors are known to lose their capacitance rapidly depending on different factors. The
output capacitance of each buck is reduced by static tolerance, voltage, temperature, and aging, see
Table 41. These derating factors needs to take into consideration when the bucks are evaluated.
Table 41: Capacitor Derating Values
Block
Derating
Description
Lower Limit
Upper Limit
Buck 1
Static tolerance
+/-20 %
0.8
1.2
Voltage derating
-40 % for 2.1 V
-65 % for 3.3 V
0.35
0.6
Temperature derating
0 / -10 %
0.9
1
Aging
0/ -10 %
0.9
1
Total derating
0.2268
0.72
Buck2
Static Tolerance
+/-20 %
0.8
1.2
Voltage Derating
-25 % for 2.1 V
-50 % for 2.6 V
0.5
0.75
Temperature derating
0 / -10 %
0.9
1
Aging
0/ -10 %
0.9
1
Total derating
0.324
0.9
Buck3/4
Static Tolerance
+/-20 %
0.8
1.2
Voltage Derating
-10 % for 0.8 V
-23 % for 1.4 V
0.77
0.9
Temperature derating
0 / -10 %
0.9
1
Aging
0/ -10 %
0.9
1
Total derating
0.49896
1.08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com