Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMLQ25201T-R47MSR Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # HMLQ25201T-R47MSR
Description  High Current, Highly Configurable System PMIC with Four Bucks and One LDO
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HMLQ25201T-R47MSR Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button HMLQ25201T-R47MSR Datasheet HTML 28Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 29Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 30Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 31Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 32Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 33Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 34Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 35Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
DA9080
High Current, Highly Configurable System
PMIC with Four Bucks and One LDO
Datasheet
Revision 1.2
08-Feb-2022
CFR0011-120-00
32 of 51
© 2022 Renesas Electronics
Note 1
At higher loads the bucks will operate in PWM at a fixed frequency. To support light loads the bucks
will operate in pulse frequency modulation (PFM) mode. The bucks move between PFM and PWM
automatically depending on the load requirements.
10 LDO
DA9080 has one LDO which provides a fixed, regulated 3.3 V output voltage.
The LDO has soft-start function and its output voltage gradually increases when the LDO is enabled.
A pull-down resistor for the LDO output is enabled when the LDO is disabled. This feature can be
disabled by setting dedicated register bits.
11 General Purpose Analog-to-Digital Converter
DA9080 features an 8-bit successive approximation register (SAR) analog-to-digital converter (ADC).
The GPADC allows measurement of:
● die temperature
● external voltages (AN0 and AN1)
The GPADC consists of an analog-to-digital converter (ADC) with 8-bit resolution, combined with an
analog input multiplexer to select a variety of channels. The input MUX selects from the inputs and
presents the channel to be measured to the ADC input.
11.1 Measurements on Internal Die Temperature Sensors
A die temperature sensor is placed near known heat sources on the die for managing power. The
sensor consists of a bipolar junction diode which is fed by a current source. A measurement on this
channel produces a reading of the voltage across the diode.
When using the ADC to measure the die temperature sensor, the output ADC code can be converted
into ºC using the formula: T(ºC) = -1.97 * CODE + 349.
11.2 Measurements of External Analog Signals
External analog signals can be measured using the GPADC. The pins AN0 and AN1 are provided as
inputs for signals to be measured. Signals to be measured should be in the range 0 V to 5.1 V. In the
case where the supply voltage, VSYS, is lower than 5.1 V this does not limit the range of the GPADC
and signals up to 5.1 V can still be measured.
Signals from AN0 and AN1 are directly input to the GPADC during conversion and so should not vary
during conversion period. The GPADC assumes signals are DC for the duration of the conversion.
When using the ADC to measure the external signals, the output ADC code can be converted into a
voltage by using the formula: AN0/1 = CODE * 20 mV + 10 mV.
11.3 Triggering GPADC Conversions
GPADC operations are enabled by setting ADC_EN = 0x1. The ADC automatically converts all inputs
sequentially, an ADC read command automatically updates all ADC input values. The 8-bit result is
stored in the PMC_TEMP, PMC_ADC0, and PMC_ADC1 registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com