Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMLQ25201T-R47MSR Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # HMLQ25201T-R47MSR
Description  High Current, Highly Configurable System PMIC with Four Bucks and One LDO
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HMLQ25201T-R47MSR Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button HMLQ25201T-R47MSR Datasheet HTML 16Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 17Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 18Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 19Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 20Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 21Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 22Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 23Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
DA9080
High Current, Highly Configurable System
PMIC with Four Bucks and One LDO
Datasheet
Revision 1.2
08-Feb-2022
CFR0011-120-00
20 of 51
© 2022 Renesas Electronics
Parameter
Description
Conditions
Min
Typ
Max
Unit
RDCHG
Discharge resistance
47
Ω
5.5.6
ADC Characteristics
Table 12: ADC Electrical Characteristics
Parameter
Description
Conditions
Min
Typ
Max
Unit
Electrical Performance
VIN
AN0/1 Input voltage range
0
5.1
V
RIN
AN0/1 Input Resistance
1.235
MΩ
M
ADC resolution
8
bit
VERR_RT
Total conversion error
AN0/1 = 0.05 V to 5.1 V
TA = 25 °C
-20
20
mV
VERR
Total conversion error
AN0/1 = 0.05 V to 5.1 V
-40
40
mV
VOFS
0 V input offset error
AN0/1 = 0 V
-40
50
mV
DNL
Differential non-linearity
AN0/1 = 0.05 V to 5.1 V
-1
1
LSB
INL
Integral non-linearity
AN0/1 = 0.05 V to 5.1 V
-2
2
LSB
VRES
Voltage resolution
With respect to AN0/1
20
mV/LS
B
TRES_SENSE
Temperature sensor
resolution
Per step
-1.97
°C/ste
p
tACQ_TOT
Total acquisition Time
100
μs
IQ
Quiescent current
ADC enabled
160
μA
5.5.7
Supervision Characteristics
Table 13: Supervision Electrical Characteristics
Parameter
Description
Conditions
Min
Typ
Max
Unit
Electrical Performance
tFALL_DEB
VSYS UVLO/VINGOOD
Falling Debounce time
10
μs
tRISE_DEB
VSYS UVLO/VINGOOD
Rising Debounce time
1
ms
VTHR_UVLO_FALL
VIN UVLO threshold for VIN
falling
3.6
V
VTHR_UVLO_HYS
VIN UVLO hysteresis
0.2
V
VTHR_RISE
Input voltage good threshold
Voltage rising
4.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com