Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMLQ25201T-R47MSR Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # HMLQ25201T-R47MSR
Description  High Current, Highly Configurable System PMIC with Four Bucks and One LDO
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HMLQ25201T-R47MSR Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button HMLQ25201T-R47MSR Datasheet HTML 24Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 25Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 26Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 27Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 28Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 29Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 30Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 31Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
DA9080
High Current, Highly Configurable System PMIC with Four Bucks and One
LDO
Datasheet
Revision 1.2
08-Feb-2022
CFR0011-120-00
28 of 51
© 2022 Renesas Electronics
-2.5mV/usec
-2.5mV/usec
-1.25mV/usec
-1.25mV/usec
BUCK1
LDO
BUCK2
BUCK3
BUCK4
Slot 3
Slot 2
Slot 1
Slot 0
EN pin
Force Disable Bit
Slot 0
2.5mV/usec
2.5mV/usec
3.3V
1.8V
3.3V
1.25mV/usec
1.25mV/usec
Slot 1
Slot 2
Slot 3
1.1V
1.1V
3.0V(typ)
tSS
1.32ms
tSS
0.5ms(typ)
tSS
0.72ms
tSS
0.88ms
Power down sequence
by Disable bit
Slot 0 : Buck1
Slot 1 : LDO
Slot 2 : Buck2 and Buck3
Slot 3 : Buck4
PG1 Group : BUCK1, LDO
PG2 Group : BUCK2, BUCK3, BUCK4
PG1
PG2
tPG_DLY
2ms
tPG_DLY
2ms
tPG_DLY
2ms
tPG_DLY
10ms
tPG_DLY
10ms
BUCK1_NOT_OV &&
NOT_UV && SS_DONE
LDO_NOT_OV &&
NOT_UV && SS_DONE
BUCK2_NOT_OV &&
NOT_UV && SS_DONE
BUCK3_NOT_OV &&
NOT_UV && SS_DONE
BUCK4_NOT_OV &&
NOT_UV && SS_DONE
tLDO_OFF
1.28ms
tENH_DEBOUNCE
100ms
tmask_UV
1.3ms
Figure 9: Timing Diagram Example for Power-Down by DISABLE Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com