Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMLQ25201T-R47MSR Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # HMLQ25201T-R47MSR
Description  High Current, Highly Configurable System PMIC with Four Bucks and One LDO
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HMLQ25201T-R47MSR Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button HMLQ25201T-R47MSR Datasheet HTML 27Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 28Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 29Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 30Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 31Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 32Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 33Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 34Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
DA9080
High Current, Highly Configurable System
PMIC with Four Bucks and One LDO
Datasheet
Revision 1.2
08-Feb-2022
CFR0011-120-00
31 of 51
© 2022 Renesas Electronics
8.3
Power Good Indicator
Each supply has a power-good (PG) indicator that is set once the supply has been enabled and has
started correctly. After the supply becomes valid there is a delay, tPG, before the PG indicator is set.
For the bucks the PG indicator is the logical NOR of the UV and OV fault indicators.
During soft start the PG indicator is held low while the supply output is being ramped. When this
ramp is completed, and assuming no fault conditions exist, the PG indicator is set (after tPG). If a fault
exists once the soft-start voltage ramp is completed a fault will be registered and all supplies are
immediately disabled.
For the LDO there is a soft-start timeout period, tSS_TIMEOUT, during which UV fault detection is
blanked. After this period the LDO output is monitored for fault conditions.
During a dynamic voltage ramp the PG detection is blanked and held high. After the ramp has
completed the blanking is removed and the PG status is re-evaluated.
The PG indicators are cleared immediately in the event of a fault.
8.3.1
Monitoring Groups of Power Good Indicators via PG Pins
The output pins PG1 and PG2 are used to monitor the status of groups of PG indicators. Each pin's
group is determined by setting a register bit associated with an individual supply's PG indicator. A PG
pin is only set when all the PG indicators assigned to its group are set.
If no supplies are assigned to a PG pin then the pin is high impedance.
A delay is applied between the condition for the PG pin to be set and the PG1 or PG2 pin going high.
This delay is in addition to the delay added to the individual supply PG indicators.
The status of any PG indicator can be read back via I2C.
9
Buck Converters
DA9080 has four channels of switching buck converters, CH1 Buck to CH4 Buck. Each of the bucks
has an I2C programable voltage register, which defines the output voltage. The channels are phase
shifted by 0°, 90°, 180°, or 270°.
When a buck is enabled, its output voltage is controlled by a soft-start, output voltage ramp. When
the buck output reaches the target voltage, the power-good indicator status bit is set.
If a buck is enabled while the output capacitor is already charged (at a non-zero voltage) the buck will
not discharge the output during startup. The buck will not draw negative current while the soft-start
target voltage is lower than the actual output voltage and the voltage will then rise smoothly once the
soft-start voltage ramp exceeds the actual output voltage.
After a buck is disabled, the output voltage is completely discharged by the integrated pull-down
resistor before a new start-up is executed.
A pull-down resistor for each channel is enabled when the channel is disabled. This feature can be
disabled by setting dedicated register bits, each pull-down can be disabled individually per-buck.
9.1
Dynamic Voltage Control
CH1 and CH2 Buck converters do not support dynamic voltage control (DVC), their output voltage is
set by OTP register setting.
CH3 and CH4 Buck converters support DVC, with the following features:
■ When the value of the target voltage changes, the output voltage updates to the new target
value.
■ The DVC controller operates in pulse width modulation (PWM) mode (Note 1) with synchronous
rectification. During DVC operation the power-good indicator is available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com