Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMLQ25201T-R47MSR Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # HMLQ25201T-R47MSR
Description  High Current, Highly Configurable System PMIC with Four Bucks and One LDO
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HMLQ25201T-R47MSR Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button HMLQ25201T-R47MSR Datasheet HTML 34Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 35Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 36Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 37Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 38Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 39Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 40Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 41Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
DA9080
High Current, Highly Configurable System
PMIC with Four Bucks and One LDO
Datasheet
Revision 1.2
08-Feb-2022
CFR0011-120-00
38 of 51
© 2022 Renesas Electronics
Bit
Type
Field Name
Description
Reset
0x0
LDO output voltage is not higher than
3.0 V
0x1
LDO output voltage is higher than 3.0 V
Table 19: PMC_CH_OC (0x0001)
Bit
Type
Field Name
Description
Reset
[7]
RW1C
OVERTEMP_EVENT
Indicates an over-temperature event. Clear by a
POR or writing 1 via I2C.
Value
Description
0x0
No over-temperature event.
0x1
Over-temperature event.
0x0
[4]
RW1C
BUCK4_OC_EVENT
Indicates a CH4 Buck over-current (OC) event.
Clear by a POR or writing 1 via I2C.
Value
Description
0x0
CH4 Buck no OC event
0x1
CH Buck OC event
0x0
[3]
RW1C
BUCK3_OC_EVENT
Indicates a CH3 Buck over-current event. Clear by
a POR or writing 1 via I2C.
Value
Description
0x0
CH3 Buck no OC event
0x1
CH3 Buck OC event
0x0
[2]
RW1C
BUCK2_OC_EVENT
Indicates a CH2 Buck over-current event. Clear by
a POR or writing 1 via I2C.
Value
Description
0x0
CH2 Buck no OC event
0x1
CH2 Buck OC event
0x0
[1]
RW1C
BUCK1_OC_EVENT
Indicates a CH1 Buck over-current event. Clear by
a POR or writing 1 via I2C.
Value
Description
0x0
CH1 Buck no OC event
0x1
CH1 Buck OC event
0x0
[0]
RW1C
LDO_OC_EVENT
Indicates an LDO over-current event. Clear by a
POR or writing 1 via I2C.
Value
Description
0x0
LDO no OC event
0x1
LDO OC event
0x0
Table 20: PMC_CH_OV (0x0002)
Bit
Type
Field Name
Description
Reset
[4]
RW1C
BUCK4_OV_EVENT
Indicates a CH4 Buck over-voltage (OV) event.
Clear by a POR or writing 1 via I2C.
0x0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com