Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMLQ25201T-R47MSR Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # HMLQ25201T-R47MSR
Description  High Current, Highly Configurable System PMIC with Four Bucks and One LDO
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HMLQ25201T-R47MSR Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button HMLQ25201T-R47MSR Datasheet HTML 15Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 16Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 17Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 18Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 19Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 20Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 21Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 22Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
DA9080
High Current, Highly Configurable System
PMIC with Four Bucks and One LDO
Datasheet
Revision 1.2
08-Feb-2022
CFR0011-120-00
19 of 51
© 2022 Renesas Electronics
5.5.5
LDO Characteristics
Table 11: LDO Electrical Characteristics
Parameter
Description
Conditions
Min
Typ
Max
Unit
External Electrical Conditions
VIN
Input voltage of power
stage
4
5
5.5
V
COUT
Output capacitance,
including voltage and
temperature coefficient
2.3
4.7
6.1
μF
Electrical Performance
IOUT
Maximum output current
200
mA
IQ
Quiescent current
3.7
μA
VOUT
Output voltage
3.3
V
VOUT_ACC_DFLT
Accuracy of default
output voltage
VIN = 5 V
IOUT = 10 mA
TA = 25 °C
3.267
3.3
3.33
V
VOUT_ACC_LINE
Static line regulation
IOUT = 10 mA
0.1
%/V
VOUT_ACC_LD
Static load regulation
IOUT = 0 mA to 0.2 A
0.83
%/A
VOUT_ACC_ACDC
Output voltage accuracy
including load transient
COUT
= 4.7 μF
Transient1: Load = 5 mA to
50 mA @ 0.2
A/μs
Transient2: Load = 50 mA to
0.1 A @ 0.2
A/μs
-30
30
mV
tSS
Soft start time (not DVC
controlled)
No load condition
COUT
= 4.7 μF
0.56
0.8
ms
tSS_TOUT
Soft start timeout time
1.3
ms
tLDO_OFF
Time slot allocated for
LDO off sequence
1.3
ms
IINRUSH
Inrush current
VIN = 5 V
TA = 25 °C
COUT
= 4.7 μF
300
mA
ILIM
Current limit threshold
COUT
= 4.7 μF
200
mA
VTHR_UVP_FALL
Under-voltage protection
threshold
2.92
V
VTHR_PG_RISE
Power-good threshold
3
V
VHYS_PG
Power-good hysteresis
80
mV
VDROPOUT
Voltage drop from LDOIN
to LDOOUT
IOUT = 200 mA
TA = 25 °C
COUT
= 4.7 μF
200
400
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com