Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMLQ25201T-R47MSR Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # HMLQ25201T-R47MSR
Description  High Current, Highly Configurable System PMIC with Four Bucks and One LDO
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HMLQ25201T-R47MSR Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button HMLQ25201T-R47MSR Datasheet HTML 20Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 21Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 22Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 23Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 24Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 25Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 26Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 27Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
DA9080
High Current, Highly Configurable System
PMIC with Four Bucks and One LDO
Datasheet
Revision 1.2
08-Feb-2022
CFR0011-120-00
24 of 51
© 2022 Renesas Electronics
6
Functional States
DA9080 functional states are shown in Figure 6.
CPOR
OTP
OTPLOAD
cpor_n
cpor_n
any state
cpor_n
•
Digital core POR
signal
•
NOT POR pin output.
DEVI CE_READ
DY
Check VIN UVLO/OV
Check OV/ UV
Unmask GLOBAL_EN
FAULT_SHUTDO WN = 0
FAULT
Hiccup
FAULT
•
VIN UVLO
•
OVP/UVP for BUCK
•
UVP for LDO
•
TSD
FAULT including
VI N_UVLO
FAULT_SUTDOWN
(to SEQ/ BUCK) = 1
FAULT
Count
64 ms
FAULT_SHUTDO WN = 1
OTP load done
Analog Core active
Not
FAULT
VI N
CHECK
uv_vin_n high
(AND
ov_vin Low)
WaitBandGap
Wait
30 µs
acore_dout_bias_
ok(sync) == 0
Figure 6: FSM States
7
Sequencer
7.1
Functional Description
DA9080 includes a sequencer to control the power-up and power-down behavior. Any number of
voltage supplies (bucks and LDO) can be grouped and assigned to a sequencer slot; for example,
PVIN1 and PVIN2 may both be assigned to slot one. Four sequencer slots are provided.
When the sequencer starts all supplies in slot one are enabled. The sequencer then waits until all the
enabled supplies have started correctly as confirmed by the corresponding power-good indicator
(see Section 8.3). A blanking time is applied during supply startup to prevent fault conditions being
registered. A delay, tPG, is applied between a supply starting correctly and that supply's power-good
(PG) indicator being set.
Once all the power-good indicators have been set in slot one, the sequencer moves to slot two and
repeat the process. When all slots are completed, the power-up sequence is finished.
If no supplies have been assigned to a slot then the slot completes immediately and the sequencer
moves on to the next slot.
For power-down the sequencer is run with reverse slot order. Supplies assigned to slot four are
disabled first. When disabled, each buck ramps down the output voltage to the minimum code and
then discharges using the internal pull-down resistor. As the LDO is unable to actively discharge its
output voltage, when disabled, the LDO uses an internal pull-down resistor to discharge the output
voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com