Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMLQ25201T-R47MSR Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # HMLQ25201T-R47MSR
Description  High Current, Highly Configurable System PMIC with Four Bucks and One LDO
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HMLQ25201T-R47MSR Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button HMLQ25201T-R47MSR Datasheet HTML 36Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 37Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 38Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 39Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 40Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 41Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 42Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 43Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
DA9080
High Current, Highly Configurable System
PMIC with Four Bucks and One LDO
Datasheet
Revision 1.2
08-Feb-2022
CFR0011-120-00
40 of 51
© 2022 Renesas Electronics
Bit
Type
Field Name
Description
Reset
0x1
CH1 Buck UV event
[0]
RW1C
LDO_UV_EVENT
Indicates an LDO UV event. Clear by a POR or
writing 1 via I2C.
Value
Description
0x0
LDO no UV event
0x1
LDO UV event
0x0
Table 22: PMC_ADC_ENABLE (0x0004)
Bit
Type
Field Name
Description
Reset
[0]
RW
ADC_EN
ADC enable.
Value
Description
0x0
ADC disabled
0x1
ADC enabled
0x1
Table 23: PMC_CH_EN (0x0005)
Bit
Type
Field Name
Description
Reset
[5]
RW
FORCE_DISABLE
When this bit is set to 1 and the EN pin is high, a
shutdown sequence starts. This bit is automatically
cleared to 0 when the external EN pin is toggled
low.
Value
Description
0x0
This function is off
0x1
This function is on
0x0
[4]
RW
EN4
CH4 Buck enable.
Value
Description
0x0
CH4 Buck disabled
0x1
CH4 Buck enabled
0x1
[3]
RW
EN3
CH3 Buck enable.
Value
Description
0x0
CH3 Buck disabled
0x1
CH3 Buck enabled
0x1
[2]
RW
EN2
CH2 Buck enable.
Value
Description
0x0
CH2 Buck disabled
0x1
CH2 Buck enabled
0x1
[1]
RW
EN1
CH1 Buck enable.
Value
Description
0x0
CH1 Buck disabled
0x1
CH1 Buck enabled
0x1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com