Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMLQ25201T-R47MSR Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # HMLQ25201T-R47MSR
Description  High Current, Highly Configurable System PMIC with Four Bucks and One LDO
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HMLQ25201T-R47MSR Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button HMLQ25201T-R47MSR Datasheet HTML 42Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 43Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 44Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 45Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 46Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 47Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 48Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 49Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 52 page
background image
DA9080
High Current, Highly Configurable System
PMIC with Four Bucks and One LDO
Datasheet
Revision 1.2
08-Feb-2022
CFR0011-120-00
46 of 51
© 2022 Renesas Electronics
Table 35: PMC_ADC0 (0x0012)
Bit
Type
Field Name
Description
Reset
[7:0]
RW
ADC0
Indicates AN0 ADC value. VAN0 = 20 mV * CODE
0x0
Table 36: PMC_ADC1 (0x0013)
Bit
Type
Field Name
Description
Reset
[7:0]
RW
ADC1
Indicates AN1 ADC value. VAN1 = 20 mV * CODE
0x0
Table 37: PMC_REVISION_ID (0x0014)
Bit
Type
Field Name
Description
Reset
[7:0]
RW
REVISION_ID
Scratch register for user.
0xE9
13.2.2
Chip ID
Table 38: OTP_CONFIG_ID (0x0062)
Bit
Type
Field Name
Description
Reset
[7:0]
R
CONFIG_REV
OTP variant code.
0x0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com