Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMLQ25201T-R47MSR Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # HMLQ25201T-R47MSR
Description  High Current, Highly Configurable System PMIC with Four Bucks and One LDO
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HMLQ25201T-R47MSR Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button HMLQ25201T-R47MSR Datasheet HTML 41Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 42Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 43Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 44Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 45Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 46Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 47Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 48Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 52 page
background image
DA9080
High Current, Highly Configurable System
PMIC with Four Bucks and One LDO
Datasheet
Revision 1.2
08-Feb-2022
CFR0011-120-00
45 of 51
© 2022 Renesas Electronics
Bit
Type
Field Name
Description
Reset
buck output voltage has completed ramping down
to 0 V.
Value
Description
0x0
Disabled - NOT recommended
0x1
Enabled
[3]
RW
BUCK3_DISCHARGE
CH3 Buck discharge resistor control. Connects
resistor to ground when channel is shut down.
When disabled, excessive charge may be left on
output capacitors (NOT recommended).
When enabled the resister will be connected after
the buck output voltage has completed ramping
down to 0 V.
Value
Description
0x0
Disabled - NOT recommended
0x1
Enabled
0x1
[2]
RW
BUCK2_DISCHARGE
CH2 Buck discharge resistor control. Connects
resistor to ground when channel is shut down.
When disabled, excessive charge may be left on
output capacitors (NOT recommended). When
enabled the resister will be connected after the
buck output voltage has completed ramping down
to 0 V.
Value
Description
0x0
Disabled - NOT recommended
0x1
Enabled
0x1
[1]
RW
BUCK1_DISCHARGE
CH1 Buck discharge resistor control. Connects
resistor to ground when channel is shut down.
When disabled, excessive charge may be left on
output capacitors (NOT recommended). When
enabled the resister will be connected after the
buck output voltage has completed ramping down
to 0 V.
Value
Description
0x0
Disabled - NOT recommended
0x1
Enabled
0x1
[0]
RW
LDO_DISCHARGE
LDO discharge resistor control. Connects resistor
to ground when channel is shut down. When
disabled, excessive charge may be left on output
capacitors (NOT recommended).
Value
Description
0x0
Disabled - NOT recommended
0x1
Enabled
0x1
Table 34: PMC_TEMP (0x0011)
Bit
Type
Field Name
Description
Reset
[7:0]
RW
TEMP
Indicates ADC TEMP value.
Temperature, T (ºC) = -1.97*CODE + 349
0x0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com