Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMLQ25201T-R47MSR Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # HMLQ25201T-R47MSR
Description  High Current, Highly Configurable System PMIC with Four Bucks and One LDO
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HMLQ25201T-R47MSR Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button HMLQ25201T-R47MSR Datasheet HTML 44Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 45Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 46Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 47Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 48Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 49Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 50Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 51Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 52Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
DA9080
High Current, Highly Configurable System
PMIC with Four Bucks and One LDO
Datasheet
Revision 1.2
08-Feb-2022
CFR0011-120-00
49 of 51
© 2022 Renesas Electronics
16 Application Information
470nH
47uF
47uF
DA9080
4. 7uF
470nH
47uF
47uF
470nH
47uF
47uF
470nH
47uF
47uF
47uF
47uF
47uF
4. 7uF
22uF
22uF
22uF
10uF
10R
100nF
8
LDOOUT
27
LX1
25
FB1
11
LX2
9
FB2
30
LX3
32
FB3
14
15
16
LX4_1
LX4_2
LX4_3
19
FB4
4
NC
6
EN
5
20
PG1
PG2
33
GND
3
2
SCL
SDA
1 VDDIO
23 AGND
22
21 AN1
AN0
24
31
VSYS_1
VSYS_2
7
LDOIN
28
29
PVIN1
PVIN3
12 PVIN2
26 PGND1
10 PGND2
13 PVIN4
17
18
PGND4_1
PGND4_2
VIN
3v3
VOUT1
LDOOUT
VOUT2
VOUT3
VOUT4
PG1 (open drain)
PG2 (open drain)
EN
PAD
SCL
SDA
Input to ADC
Input to ADC
Connect to AGND
22uF
Figure 17: Application Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com