Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMLQ25201T-R47MSR Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # HMLQ25201T-R47MSR
Description  High Current, Highly Configurable System PMIC with Four Bucks and One LDO
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HMLQ25201T-R47MSR Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button HMLQ25201T-R47MSR Datasheet HTML 18Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 19Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 20Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 21Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 22Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 23Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 24Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 25Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
DA9080
High Current, Highly Configurable System
PMIC with Four Bucks and One LDO
Datasheet
Revision 1.2
08-Feb-2022
CFR0011-120-00
22 of 51
© 2022 Renesas Electronics
Parameter
Description
Conditions
Min
Typ
Max
Unit
IVSYS_OP
Total current of VSYS pin
OPERATING mode
EN = H and
FORCE_DISABLE = L
CH<x> = All ON
Buck: ON with no switching
and no load
LDO: ON with no load
ADC: ON
IO: Non I2C communication
500
600
μA
IPVINx_OP
Total current from PVIN1,
PVIN2, PVIN3, and PVIN4
pins
OPERATING mode
EN = H and
FORCE_DISABLE = L
CH<x> = All ON
Buck: ON with no switching
and no load
0
10
μA
IVDDIO
Total current from VDDIO pin
No I2C communication
VSYS = 5 V
VDDIO = 3.3 V
SCL = SDA = H
0.16
1
μA
ILDOIN_OP
Total current of LDOIN pin
OPERATING mode
EN = H and
FORCE_DISABLE = L
CH<x> = All ON
LDO: ON with no load
2.7
10
μA
5.5.9
I2C Characteristics
Table 15: I2C Electrical Characteristics
Parameter
Description
Conditions
Min
Typ
Max
Unit
Electrical Performance
Standard/Fast/Fast+ Mode
tBUS
Bus free time between a
STOP and START condition
0.5
μs
CBUS
Bus line capacitive load
150
pF
fSCL
SCL clock frequency
1000
kHz
tLO_SCL
SCL low time
0.5
μs
tHI_SCL
SCL high time
0.26
μs
tRISE
SCL and SDA rise time.
Requirement for input.
1000
ns
tFALL
SCL and SDA fall time.
Requirement for input.
300
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com