Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMLQ25201T-R47MSR Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HMLQ25201T-R47MSR
Description  High Current, Highly Configurable System PMIC with Four Bucks and One LDO
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HMLQ25201T-R47MSR Datasheet(HTML) 1 Page - Renesas Technology Corp

  HMLQ25201T-R47MSR Datasheet HTML 1Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 2Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 3Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 4Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 5Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 6Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 7Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 8Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
DA9080
High Current, Highly Configurable System
PMIC with Four Bucks and One LDO
Datasheet
Revision 1.2
08-Feb-2022
CFR0011-120-00
1 of 51
© 2022 Renesas Electronics
General Description
DA9080 is a five-channel advanced, configurable, system power management IC (PMIC) with four
buck regulators and one LDO. This highly integrated, flexible PMIC is capable of up to 10 A of output
current. The output voltage of the regulators can be programmed and sequenced based on the
application needs. The DA9080 also integrates an 8-bit ADC, along with several other features, that
simplifies overall system design. Dynamic voltage control (DVC), robust protection features, and a
dedicated I2C interface that supports multiple modes extend the applicability of this device to a wide
range of end applications.
The high-efficiency, fast transient response, and small footprint of the DA9080 lends itself to become
the preferred power solution for a host of complex, high-performance applications. The DA9080 is
offered in a QFN package.
Key Features
■ Power supply voltage (VIN) 4.0 V to 5.5 V
■ Four buck converters
■ Selectable output voltage range for bucks:
□ CH1 Buck: 2.1 V to 3.3 V, 20 mV step
□ CH2 Buck: 1.5 V to 2.6 V, 20 mV step
□ CH3 Buck: 0.9 V to 1.3 V, 5 mV step
□ CH4 Buck: 0.8 V to 1.4 V, 5 mV step
■ Maximum output current:
□ CH1, CH2, and CH3 Buck: 1.5 A
□ CH4 Buck: 5.0 A
■ Interleaving of switching phases of bucks
■ LDO:
□ VOUT: 3.3 V, IOUT: 0.2 A (max)
■ General purpose ADC:
□ 8-bit SAR ADC
□ Two external inputs
□ Die temperature sense
■ Protection functions:
□ Over-current protection
□ Over/under-voltage protection
□ Thermal shutdown protection
■ I2C control interface:
□ Standard mode (100 kbit/s)
□ Fast mode (400 kbit/s)
□ Fast mode+ (1 Mbit/s)
■ Package: 32 lead QFN, 5.0 mm x 5.0 mm
Applications
■ Client and Enterprise SSD modules
■ Embedded Computing
■ Integrated Microcontroller Internet of Things
■ DSPs or FPGAs with Peripherals
System Diagram
DA9080
DDR
SoC
VDD_CORE_SOC
3.3V_SYS
1.8V_SYS
AUDIO
VDD_AUD
VDD_DDR
VDD_IO_DDR
VDD_IO_SOC
VDD_ANA_SOC
BUCK1
BUCK2
BUCK3
BUCK4
LDO
Figure 1: System Diagram


Similar Part No. - HMLQ25201T-R47MSR

ManufacturerPart #DatasheetDescription
logo
Cyntec Co., Ltd.
HMLQ25201T-R47MSR CYNTEC-HMLQ25201T-R47MSR Datasheet
223Kb / 3P
Power Choke Coil HMLQ25201T MSR Type
More results

Similar Description - HMLQ25201T-R47MSR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3675-1 LINER-LTC3675-1_15 Datasheet
585Kb / 38P
7-Channel Configurable High Power PMIC
logo
Micrel Semiconductor
MIC7400 MICREL-MIC7400_15 Datasheet
5Mb / 68P
Configurable PMIC, Five-Channel Buck Regulator Plus One-Boost with HyperLight Load짰 and I2C Control
logo
Monolithic Power System...
MP5403B MPS-MP5403B Datasheet
1Mb / 23P
Mini PMIC with Dual 4A/5A Peak Bucks, One 2A Load Switch, and Input Power Supervisory
logo
Texas Instruments
TPS6594-Q1 TI-TPS6594-Q1_V01 Datasheet
3Mb / 358P
TPS6594-Q1 Power Management IC (PMIC) for Processors with 5 Bucks and 4 LDOs
logo
NXP Semiconductors
VR5510 NXP-VR5510 Datasheet
2Mb / 203P
Multi-Output PMIC with SMPS and LDO
VR5500 NXP-VR5500 Datasheet
1Mb / 131P
High voltage PMIC with multiple SMPS and LDO
Rev. 6-29 January 2020
FS5502 NXP-FS5502 Datasheet
1Mb / 113P
High voltage PMIC with multiple SMPS and LDO
Rev. 4-27 October 2021
VR5510 NXP-VR5510_V01 Datasheet
2Mb / 194P
Multi-Output PMIC with SMPS and LDO
Rev. 5-6 April 2022
logo
Renesas Technology Corp
DA9083 RENESAS-DA9083 Datasheet
700Kb / 63P
High Current, Highly Configurable System PMIC
18-Mar-2022
logo
NXP Semiconductors
VR5510 NXP-VR5510_V02 Datasheet
2Mb / 203P
Multi-output PMIC with SMPS and LDO
Rev. 6 - 31 July 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com