Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMLQ25201T-R47MSR Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HMLQ25201T-R47MSR
Description  High Current, Highly Configurable System PMIC with Four Bucks and One LDO
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HMLQ25201T-R47MSR Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HMLQ25201T-R47MSR Datasheet HTML 6Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 7Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 8Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 9Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 10Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 11Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 12Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 13Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
DA9080
High Current, Highly Configurable System
PMIC with Four Bucks and One LDO
Datasheet
Revision 1.2
08-Feb-2022
CFR0011-120-00
10 of 51
© 2022 Renesas Electronics
5.4
Thermal Characteristics
Table 6: UQFN Ratings
Parameter
Description
Conditions
Min
Typ
Max
Unit
RΘ_JA
Package thermal
resistance (Note 1)
24.3
°C/W
PD
Power dissipation
Derating factor above
TA = 65 °C, 41.1 mW/°C
(1/RΘ_JA)
2.47
W
Note 1
Obtained from package thermal simulation, JEDEC JESD51-2 still air test environment using 4-layer
board at TA = 65 °C with 36 vias. Influenced by PCB technology and layout.
5.5
Electrical Characteristics
All Min/Max specification limits are guaranteed by design, production testing, and/or statistical
characterization and are valid over the full operating temperature range and power supply range
unless otherwise noted.
Typical values are based on characterization results at default measurement conditions and are
informative only. Default measurement conditions (unless otherwise specified): VIN = 5.0 V,
TA = 25 °C.
5.5.1
CH1 Buck Converter Characteristics
Table 7: CH1 Buck Converter Electrical Characteristics
Parameter
Description
Conditions
Min
Typ
Max
Unit
External Electrical Conditions
VIN
Input voltage of power
stage
4
5
5.5
V
COUT
Output capacitance,
including voltage and
temperature coefficient
2 x 47 μF
21
68
μF
ESRCOUT
Output capacitor series
resistance
f > 100 kHz
3
mΩ
L
Inductor value, including
current and temperature
dependence
0.23
0.47
0.61
μH
DCRL
Inductor DC resistance
20
50
mΩ
Electrical Performance
IOUT
Maximum output current
1500
mA
IQ_AUTO
Quiescent current in Auto
mode (no switching)
51
μA
fSW
Switching frequency
1.9
2
2.1
MHz
VOUT
Range of output voltage,
programmable in 20 mV
steps
VIN = 4.0 V to 5.5 V
2.1
3.3
3.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com