Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMLQ25201T-R47MSR Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # HMLQ25201T-R47MSR
Description  High Current, Highly Configurable System PMIC with Four Bucks and One LDO
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HMLQ25201T-R47MSR Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button HMLQ25201T-R47MSR Datasheet HTML 33Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 34Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 35Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 36Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 37Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 38Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 39Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 40Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
DA9080
High Current, Highly Configurable System
PMIC with Four Bucks and One LDO
Datasheet
Revision 1.2
08-Feb-2022
CFR0011-120-00
37 of 51
© 2022 Renesas Electronics
13.2 Register Descriptions
13.2.1
PMIC Function Registers
Table 18: PMC_PGOOD_UV (0x0000)
Bit
Type
Field Name
Description
Reset
[6]
RW1C
UV_FLAG
Indicates the VSYS voltage once fell below 4.4 V
after having once risen above 4.6 V. This is a sticky
flag. Clear by a POR or writing 1 via I2C.
Value
Description
0x0
No UV_EVENT has happened
0x1
UV_EVENT has happened
0x0
[5]
R
UV_CURRENT
Indicates current VSYS under-voltage (UV) status.
Value
Description
0x0
Not in UV state. Current VSYS > 4.6 V
0x1
In UV state. Current VSYS < 4.4 V
0x0
[4]
R
BUCK4_PG_STAT
CH4 Buck power good (PG) status.
Value
Description
0x0
CH4 Buck output voltage is more than
+/- 300 mV of target voltage
0x1
CH4 Buck output voltage is within +/-
300 mV of target voltage
0x0
[3]
R
BUCK3_PG_STAT
CH3 Buck PG status.
Value
Description
0x0
CH3 Buck output voltage is more than
+/- 300 mV of target voltage
0x1
CH3 Buck output voltage is within +/-
300 mV of target voltage
0x0
[2]
R
BUCK2_PG_STAT
CH2 Buck PG status.
Value
Description
0x0
CH2 Buck output voltage is more than
+/- 300 mV of target voltage
0x1
CH2 Buck output voltage is within +/-
300 mV of target voltage
0x0
[1]
R
BUCK1_PG_STAT
CH1 Buck PG status.
Value
Description
0x0
CH1 Buck output voltage is more than
+/- 300 mV of target voltage
0x1
CH1 Buck output voltage is within +/-
300 mV of target voltage
0x0
[0]
R
LDO_PG_STAT
LDO PG status.
Value
Description
0x0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com