Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMLQ25201T-R47MSR Datasheet(PDF) 48 Page - Renesas Technology Corp

Part # HMLQ25201T-R47MSR
Description  High Current, Highly Configurable System PMIC with Four Bucks and One LDO
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HMLQ25201T-R47MSR Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button HMLQ25201T-R47MSR Datasheet HTML 44Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 45Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 46Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 47Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 48Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 49Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 50Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 51Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 52Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 48 / 52 page
background image
DA9080
High Current, Highly Configurable System
PMIC with Four Bucks and One LDO
Datasheet
Revision 1.2
08-Feb-2022
CFR0011-120-00
48 of 51
© 2022 Renesas Electronics
15 Ordering Information
The ordering number consists of the part number followed by a suffix indicating the packing method.
For details and availability, please consult your Dialog Semiconductor local sales representative.
Table 39: Ordering Information
Part Number
Package
Size (mm)
Shipment Form
Pack Quantity
DA9080-xxFC2
UQFN
5.0 mm x 5.0 mm
by 0.5 mm pitch
Tape and Reel
4900
Part Number Legend:
xx: OTP number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com