Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMLQ25201T-R47MSR Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # HMLQ25201T-R47MSR
Description  High Current, Highly Configurable System PMIC with Four Bucks and One LDO
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HMLQ25201T-R47MSR Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button HMLQ25201T-R47MSR Datasheet HTML 25Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 26Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 27Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 28Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 29Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 30Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 31Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 32Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
DA9080
High Current, Highly Configurable System
PMIC with Four Bucks and One LDO
Datasheet
Revision 1.2
08-Feb-2022
CFR0011-120-00
29 of 51
© 2022 Renesas Electronics
8
Supervision
8.1
Input Voltage Monitor Flag
The voltage at the VSYS pin is continually monitored. The status of this pin is reported in a 2-bit
register field. One bit provides the current status of this pin while the other bit is sticky, being set
when the voltage on the VSYS pin transitions below 4.4 V. The input voltage monitor comparator has
a 4.6 V rise, 4.4 V fall, and 0.2 V hysteresis. The host can poll these two bits to check the status of
this pin. The sticky bit is cleared by writing 1 to it.
8.2
Fault Protection
8.2.1
Over-Voltage, Under-Voltage, and Over-Current Protection
Each buck has over-voltage (OV), under-voltage (UV), and over-current (OC) fault protection.
When the buck output drops below VTHR_UVP_FALL, the BUCK<x>_UV_STAT bit in the PMC_CH_UV
register is set to 0x1. When the buck output increases above VTHR_OVP_RISE the BUCK<x>_OV_STAT
bit in the PMC_CH_OV register is set to 0x1.
Each of the bucks has current limit, IPOSLIM, with programmable thresholds. When the current limit is
met, the BUCK<x>_OC_STAT bit in the PMC_CH_OC register is set to 0x1.
The LDO has under-voltage (UV) and over-current (OC) fault protection. When either of these
conditions is met, status bits are set to 0x1 in dedicated registers, in a similar way to the bucks. A
supply voltage fault condition (UV or OV), on any supply, causes an immediate power down and all
supplies are disabled. The sequencer will not run and the supplies will not perform a controlled ramp-
down of the output voltage.
A re-start is initiated, after a blanking time, with a hiccup behavior. The outputs are discharged by the
internal pull-down resistors prior to being enabled again.
The UV, OV and OC register bits are sticky and remain set through a hiccup cycle, see Figure 10.
The register bits are only cleared on a register write of 1.
8.2.2
Thermal Shutdown
DA9080 also has a thermal shutdown (TSD) function. When the die temperature goes above 140 °C
(typ) (TTHR_SHDN), all the regulator outputs and the GPADC are immediately shutdown. The TSD event
is recorded in a register OVERTEMP_EVENT bit<7> in PMC_CH_OC (0x01).
When the die temperature goes below 125 °C(typ), the start-up sequence is restarted.
Note that the I2C communication is halted during TSD, the OVERTEMP_EVENT bit cannot be read
back at this time. The host should check the OVERTEMP_EVENT bit after the device has recovered
from TSD. The OVERTEMP_EVENT bit is sticky and is cleared by over-writing the bit with 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com