Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMLQ25201T-R47MSR Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # HMLQ25201T-R47MSR
Description  High Current, Highly Configurable System PMIC with Four Bucks and One LDO
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HMLQ25201T-R47MSR Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button HMLQ25201T-R47MSR Datasheet HTML 29Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 30Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 31Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 32Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 33Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 34Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 35Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 36Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
DA9080
High Current, Highly Configurable System
PMIC with Four Bucks and One LDO
Datasheet
Revision 1.2
08-Feb-2022
CFR0011-120-00
33 of 51
© 2022 Renesas Electronics
12 I2C Communication
DA9080 includes an I2C-compatible 2-wire serial interface to access the internal registers. Through
the I2C interface, the host processor controls each channel and reads back system status. The
DA9080 only operates as a slave device.
The host processor provides the serial clock at the SCL pin. DA9080 supports I2C Standard-mode at
100 kHz, Fast-mode at 400 kHz, and Fast-mode Plus at 1000 kHz.
DA9080 SLAVE address is 0x1B.
The I2C data pin, SDA, is open drain which allows multiple devices to share a communication line.
All transmissions begin with a START condition issued from the Master while the bus is in an IDLE
state (the bus is free). The START condition is initiated by a high to low transition on SDA while SCL
is high. Alternately, a STOP condition is indicated by a low to high transition on SDA while SCL is
high, see Figure 11.
SDA
SCL
Start (S)
is SDA falling
while SCL is high
Data SDA must be
stable during SCL high
Data sampled on
SCL rising edge
Data driven on
SCL falling edge
Stop (P) is SDA rising
while SCL high
Figure 11: I2C Start (S) and Stop (P)
The I2C interface uses a two-byte serial protocol containing one byte for address and one byte for
data. The data and address are transferred with MSB transmitted first for both read and write
operations.
DA9080 monitors the serial bus for a valid SLAVE address when the interface is enabled. When it
receives its own slave address, DA9080 immediately gives an Acknowledge signal to the host by
pulling SDA low during the following clock cycle. A Not Acknowledge signal is given by a logic 1, not
pulling down the SDA line.
A single-byte write is shown in Figure 12. Here the slave address is followed by a write bit (low), the
register address, and the write data. Finally, the transaction is terminated with a STOP.
SLAVEadr
W
A
REGadr
A
DATA
A
P
7-bits
1-bit
adr=REGadr
8-bits
Master to Slave
Slave to Master
S = START condition
A = Acknowledge (low)
P = STOP condition
W = Write (low)
S
8-bits
Figure 12: Single Write Command
DA9080 also supports multiple byte writes, shown in Figure 13. By not sending the STOP command,
data is written to consecutive addresses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com