Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMLQ25201T-R47MSR Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # HMLQ25201T-R47MSR
Description  High Current, Highly Configurable System PMIC with Four Bucks and One LDO
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HMLQ25201T-R47MSR Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button HMLQ25201T-R47MSR Datasheet HTML 30Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 31Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 32Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 33Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 34Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 35Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 36Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 37Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
DA9080
High Current, Highly Configurable System
PMIC with Four Bucks and One LDO
Datasheet
Revision 1.2
08-Feb-2022
CFR0011-120-00
34 of 51
© 2022 Renesas Electronics
SLAVEadr W
REGadr
DATA
A
P
7-bits
1-bit
adr=REGadr
8-bits
Master to Slave
S
Slave to Master
S = START condition
A = Acknowledge (low)
P = STOP condition
W = Write (low)
Sr = Repeated START condition
NA = No Acknowledge
8-bits MASTER Code = 0000 1XXX
8-bits
8-bits
Repeated writes
adr=REGadr+1
adr=REGadr+2
A
DATA
A
8-bits
DATA
A
A
A
Figure 13: Consecutive Write Command
The data read protocol differs from the write protocol. A read does not have a register address
immediately preceding it. To read from a specific address, the register address is given by using a
write command followed by a Repeated START. A single-byte read is shown in Figure 14. A
Repeated START is followed by the slave address and a read bit. After the read data is returned to
the host, the host then responds with a Not Acknowledge and a STOP.
SLAVEadr
W
A
REGadr
NA
DATA
A
P
7-bits
1-bit
8-bits
8-bits
Master to Slave
S
Slave to Master
S = START condition
A = Acknowledge (low)
P = STOP condition
W = Write (low)
Sr = Repeated START condition
NA = Not Acknowledge
R = Read (Hgih)
Sr
SLAVEadr
R
A
7-bits
1-bit
adr=REGadr
Figure 14: Single Read Command
The DA9080 also supports a multiple byte read protocol. If the host responds to the returned data
with an Acknowledge rather than Not Acknowledge and STOP, data will be read from sequential
addresses until a Not Acknowledge and STOP command is given, as shown in Figure 15. If a read
address is given with a write and Repeated START, consecutive addresses are read from the write
address.
SLAVEadr W
A
REGadr
NA
DATA
A
P
7-bits
1-bit
8-bits
8-bits
Master to Slave
S
Slave to Master
S = START condition
A = Acknowledge (low)
P = STOP condition
W = Write (low)
Sr = Repeated START condition
NA = No Acknowledge
8-bits MASTER Code = 0000 1XXX
R = Read (Hgih)
Sr
R
7-bits
1-bit
adr=REGadr
A
8-bits
8-bits
Repeated reads
adr=REGadr+1
adr=REGadr+2
SLAVEadr
A
DATA
A
DATA
A
Figure 15: Consecutive Read Command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com