Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMLQ25201T-R47MSR Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # HMLQ25201T-R47MSR
Description  High Current, Highly Configurable System PMIC with Four Bucks and One LDO
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HMLQ25201T-R47MSR Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button HMLQ25201T-R47MSR Datasheet HTML 37Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 38Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 39Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 40Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 41Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 42Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 43Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 44Page - Renesas Technology Corp HMLQ25201T-R47MSR Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 52 page
background image
DA9080
High Current, Highly Configurable System
PMIC with Four Bucks and One LDO
Datasheet
Revision 1.2
08-Feb-2022
CFR0011-120-00
41 of 51
© 2022 Renesas Electronics
Bit
Type
Field Name
Description
Reset
[0]
RW
ENL
LDO enable.
Value
Description
0x0
LDO disabled
0x1
LDO enabled
0x1
Table 24: PMC_VOUT_BUCK1 (0x0007)
Bit
Type
Field Name
Description
Reset
[7:0]
RW
VBUCK1
VBUCK1[7:0] CH1 Buck output voltage setting.
0x00 = 2.1 V, 0x3C = 3.3 V(Default), 20 mV
resolution. Although this register will accept any
value in its range of 0x00 to 0xFF, the output
voltage accuracy is not guaranteed outside the
range stated in the electrical table.
0x3C
Table 25: PMC_VOUT_BUCK2 (0x0008)
Bit
Type
Field Name
Description
Reset
[7:0]
RW
VBUCK2
VBUCK2[7:0] CH2 Buck output voltage setting.
0x00 = 1.5 V, 0x0F = 1.8 V(Default), 0x37 = 2.6 V,
20 mV resolution. Although this register will accept
any value in its range of 0x00 to 0xFF, the output
voltage accuracy is not guaranteed outside the
range stated in the electrical table.
0x0F
Table 26: PMC_VOUT_BUCK3 (0x0009)
Bit
Type
Field Name
Description
Reset
[7:0]
RW
VBUCK3
VBUCK3[7:0] CH3 Buck output voltage setting.
0x00 = 0.9 V, 0x3C = 1.2 V (Default), 0x50 = 1.3 V,
5 mV resolution. Although this register will accept
any value in its range of 0x00 to 0xFF, the output
voltage accuracy is not guaranteed outside the
range stated in the electrical table.
0x3C
Table 27: PMC_VOUT_BUCK4 (0x000A)
Bit
Type
Field Name
Description
Reset
[7:0]
RW
VBUCK4
VBUCK4[7:0] CH4 Buck output voltage setting.
0x00 = 0.8 V, 0x28 = 1.0 V (Default), 0 x 78 =
1.4 V, 5 mV resolution. Although this register will
accept any value in its range of 0x00 to 0xFF, the
output voltage accuracy is not guaranteed outside
the range stated in the electrical table.
0x28
Table 28: PMC_PHASE_INTERLEAVING (0x000B)
Bit
Type
Field Name
Description
Reset
[7:6]
R
BUCK4_PHASE
CH4 Buck phase interleave.
Value
Description
0x0
CH4 Buck phase is 0 degrees
0x1
CH4 Buck phase is 90 degrees
0x3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com