Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2376 Datasheet (PDF) - Diodes Incorporated

AS2376 Datasheet PDF - Diodes Incorporated
Part # AS2376
Download  AS2376 Download
File Size   1425.58 Kbytes
Page   13 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description LOW-NOISE, LOW QUIESCENT CURRENT, PRECISION OPERATIONAL AMPLIFIER

AS2376 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS2376 Datasheet PDF - Diodes Incorporated

Part # AS2376
Download  AS2376 Click to download

File Size   1425.58 Kbytes
Page   13 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description LOW-NOISE, LOW QUIESCENT CURRENT, PRECISION OPERATIONAL AMPLIFIER

AS2376 Datasheet (HTML) - Diodes Incorporated


AS2376 Product details

Features
 Low Noise: 9.5nV/ at 1kHz
 0.1Hz to 10Hz Noise: 0.8μVPP
 Quiescent Current: 760μA (typical)
 Low Offset Voltage: 5μV (typ)
 Gain Bandwidth Product: 5.5MHz
 Rail-to-Rail Input and Output
 Single-Supply Operation
 Supply Voltage: 2.2V to 5.5V
 Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
 Halogen and Antimony Free. “Green” Device (Note 3)
 An automotive-compliant part is available under separate
datasheet (AS2376Q)

Applications
 Auto pump
 Position sensor
 Vehicle occupant detection sensor
 Airbag
 Onboard charge (OBC)
 DC-DC converter
 Battery management system (BMS)




Similar Part No. - AS2376

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AS2376Q DIODES-AS2376Q Datasheet
1Mb / 13P
LOW-NOISE, LOW QUIESCENT CURRENT, PRECISION OPERATIONAL AMPLIFIER
Rev. 1 - 2 September 2022
AS2376QS-13 DIODES-AS2376QS-13 Datasheet
1Mb / 13P
LOW-NOISE, LOW QUIESCENT CURRENT, PRECISION OPERATIONAL AMPLIFIER
Rev. 1 - 2 September 2022
More results


Similar Description - AS2376

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA376 BURR-BROWN-OPA376 Datasheet
786Kb / 23P
Precision, Low Noise, Low Quiescent Current, Operational Amplifier
logo
Texas Instruments
OPA376-Q1 TI1-OPA376-Q1 Datasheet
547Kb / 19P
Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim??Series
OPA2376AIYZDR TI-OPA2376AIYZDR Datasheet
1Mb / 30P
Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
OPA376 TI-OPA376_15 Datasheet
1Mb / 31P
Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
OPA376-Q1 TI-OPA376-Q1_15 Datasheet
448Kb / 20P
Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim??Series
OPA376 TI1-OPA376 Datasheet
1Mb / 42P
Low-Noise, Low Quiescent Current, Precision Operational Amplifier
OPA376-Q1 TI1-OPA376-Q1_16 Datasheet
1Mb / 34P
Low-Noise, Low Quiescent Current, Precision Operational Amplifier
OPA377-Q1 TI1-OPA377-Q1 Datasheet
978Kb / 26P
Low-Noise, Low Quiescent Current, Precision Automotive Grade Operational Amplifier
OPA376-Q1_016 TI1-OPA376-Q1_016 Datasheet
1Mb / 39P
Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
logo
Diodes Incorporated
AS2376Q DIODES-AS2376Q Datasheet
1Mb / 13P
LOW-NOISE, LOW QUIESCENT CURRENT, PRECISION OPERATIONAL AMPLIFIER
Rev. 1 - 2 September 2022
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com