Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2376 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AS2376
Description  LOW-NOISE, LOW QUIESCENT CURRENT, PRECISION OPERATIONAL AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AS2376 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AS2376 Datasheet HTML 5Page - Diodes Incorporated AS2376 Datasheet HTML 6Page - Diodes Incorporated AS2376 Datasheet HTML 7Page - Diodes Incorporated AS2376 Datasheet HTML 8Page - Diodes Incorporated AS2376 Datasheet HTML 9Page - Diodes Incorporated AS2376 Datasheet HTML 10Page - Diodes Incorporated AS2376 Datasheet HTML 11Page - Diodes Incorporated AS2376 Datasheet HTML 12Page - Diodes Incorporated AS2376 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
AS2376
Document number: DS45193 Rev. 1 - 2
10 of 13
www.diodes.com
September 2022
© Diodes Incorporated
AS2376
Application Information
Overview
The
DIODES™ AS2376 combines low offset (25μV maximum) and 5.5-MHz bandwidth for a wide variety of filtering and control applications.
Many op amps use chopper stabilization to achieve low offset voltage but this normally comes with a restriction of bandwidth to less than 500kHz.
The offset of the AS2376 is addressed by using post package trim allowing for the retention of significant bandwidth.
Stability considerations when driving capacitive loads
Operational amplifiers are prone to oscillation when required to drive large capacitive loads. The AS2376 is capable of driving a 250 picofarad load
at unity gain. Larger loads will require the insertion of a nulling resistor (denoted as RS) in series with the load capacitor. The suggested nulling
resistor value is 10
Ω to 20Ω. This addition will introduce a small error but is negligible in most applications.
Vin
AS2376
0.01µF
V-
V+
In-
In+
Circuit for Driving Large Capacitive Loads
Vout
RS
RL
CL
10
Ω to
20Ω
Offset voltage as input common mode approaches V+
The AS236 has an input circuitry configuration that is common to most rail to rail input operational amplifiers. At the low end of the common mode
input voltage range, the input signals are processed by a differential pair of PMOS transistors. This portion of the circuit is precision adjusted with
post package trim allowing the offset to be in the microvolts range. As the input common mode voltage approaches approximately one volt less
than the positive supply, the inputs are transitioned to a second differential pair of NMOS transistors. This portion of the op amp has an offset
voltage similar to a conventional op amp. As noted in the heading of the Electrical Characteristics Section, the precision offset voltage is optimized
at a common mode of one half of the supply voltage. This conceptual chart depicts the approximate best case of extending the precision common
mode area by using the device at 5.5V supply.
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
Input Common Mode Voltage (V) V+ = 5.5V
-0.5
0
-1
-2
-3
3
2
1
Offset Voltage over Common Mode Voltage Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com