Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2376 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AS2376
Description  LOW-NOISE, LOW QUIESCENT CURRENT, PRECISION OPERATIONAL AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AS2376 Datasheet(HTML) 2 Page - Diodes Incorporated

  AS2376 Datasheet HTML 1Page - Diodes Incorporated AS2376 Datasheet HTML 2Page - Diodes Incorporated AS2376 Datasheet HTML 3Page - Diodes Incorporated AS2376 Datasheet HTML 4Page - Diodes Incorporated AS2376 Datasheet HTML 5Page - Diodes Incorporated AS2376 Datasheet HTML 6Page - Diodes Incorporated AS2376 Datasheet HTML 7Page - Diodes Incorporated AS2376 Datasheet HTML 8Page - Diodes Incorporated AS2376 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
AS2376
Document number: DS45193 Rev. 1 - 2
2 of 13
www.diodes.com
September 2022
© Diodes Incorporated
AS2376
Typical Applications Circuit
Vcm=2.5V
Vin
10k
Ω
AS2376
5 V
0.01µF
Output
V-
V+
In-
In+
+
-
+
-
1k
Ω
Basic Single Power Amplifier Connection
Pin Description
PIN
I/O
DESCRIPTION
NAME
SO-8 (Standard)
+IN A
3
I
Noninverting input, channel A
+IN B
5
I
Noninverting input, channel B
–IN A
2
I
Inverting input, channel A
–IN B
6
I
Inverting input, channel B
OUT A
1
O
Output, channel A
OUT B
7
O
Output, channel B
V+
8
—
Positive (highest) power supply
V
–
4
—
Negative (lowest) power supply
Functional Block Diagram
AS2376 Functional Block
Output A
In+ A
In- A
Output B
In+ B
In- B
V+
V-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com