Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2376 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AS2376
Description  LOW-NOISE, LOW QUIESCENT CURRENT, PRECISION OPERATIONAL AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AS2376 Datasheet(HTML) 5 Page - Diodes Incorporated

  AS2376 Datasheet HTML 1Page - Diodes Incorporated AS2376 Datasheet HTML 2Page - Diodes Incorporated AS2376 Datasheet HTML 3Page - Diodes Incorporated AS2376 Datasheet HTML 4Page - Diodes Incorporated AS2376 Datasheet HTML 5Page - Diodes Incorporated AS2376 Datasheet HTML 6Page - Diodes Incorporated AS2376 Datasheet HTML 7Page - Diodes Incorporated AS2376 Datasheet HTML 8Page - Diodes Incorporated AS2376 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
AS2376
Document number: DS45193 Rev. 1 - 2
5 of 13
www.diodes.com
September 2022
© Diodes Incorporated
AS2376
Electrical Characteristics (continued) (Limits in standard typeface are for T
A = +25°C, bold typeface applies over -40°C to +125°C
(Note 9), RL = 10kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2, unless otherwise noted.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
Voltage output swing
from rail
TA = 25°C, RL = 10kΩ
-
10
20
mV
TA = -40°C to +125°C, RL = 10kΩ
-
-
40
mV
TA = 25°C, RL = 2kΩ
-
40
50
mV
TA = -40°C to +125°C, RL = 2kΩ
-
-
80
mV
ISC
Short-circuit current
+30, -50
mA
CLOAD
Capacitive load drive
See Typical Characteristics
RO
Open-loop output
-
150
Ω
POWER SUPPLY
VS
Specified voltage range
2.2
5.5
V
Operating voltage
range
-
2 to 5.5
V
IQ
Quiescent current per
amplifier
TA = 25°C, I= 0, V = 5.5 V, VCM<
(V
+) – 1.3 V
-
760
950
μA
TA = -40°C to +125°C
-
-
1
mA
TEMPERATURE
Specified range
-40
-
+125
°C
Operating range
-40
-
+150
°C
Note:
9. Limits over the full temperature are guaranteed by design, but not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com