Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2376 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AS2376
Description  LOW-NOISE, LOW QUIESCENT CURRENT, PRECISION OPERATIONAL AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AS2376 Datasheet(HTML) 3 Page - Diodes Incorporated

  AS2376 Datasheet HTML 1Page - Diodes Incorporated AS2376 Datasheet HTML 2Page - Diodes Incorporated AS2376 Datasheet HTML 3Page - Diodes Incorporated AS2376 Datasheet HTML 4Page - Diodes Incorporated AS2376 Datasheet HTML 5Page - Diodes Incorporated AS2376 Datasheet HTML 6Page - Diodes Incorporated AS2376 Datasheet HTML 7Page - Diodes Incorporated AS2376 Datasheet HTML 8Page - Diodes Incorporated AS2376 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
AS2376
Document number: DS45193 Rev. 1 - 2
3 of 13
www.diodes.com
September 2022
© Diodes Incorporated
AS2376
Absolute Maximum Ratings (Note 4) (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Rating
Unit
V+ -V-
Supply Voltage
6.5
V
Output Short Circuit to V+
(Note 5)
Output Short Circuit to V-
(Note 6)
Current
Signal input terminals (Note 7)
(Note 7)
mA
Output short-circuit (Note 8)
Continuous
mA
TST
Storage Temperature
-65 to +150
°C
TJ
Maximum Junction Temperature
+150
°C
TLEAD
Lead Temperature (Soldering, 10 Seconds)
+260
°C
RθJA
Junction-to-Ambient Thermal Resistance
SO-8 (Standard)
115
°C/W
RθJC
Junction-to-Case Thermal Resistance
SO-8 (Standard)
18
°C/W
ESD HBM
Human Body Model ESD Protection
4
kV
ESD CDM
Charged-device Model ESD Protection
1
kV
Notes:
4. Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the
device is intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the
Electrical Characteristics.
5. Shorting output to V+ will adversely affect reliability.
6. Shorting output to V- will adversely affect reliability.
7. Input terminals are diode-clamped to the power-supply rails. Input signals that can swing more than 0.3V beyond the supply rails should be current
limited to 10mA or less.
8. Short-circuit to ground.
Recommended Operating Conditions
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
2.2
5.5
V
TA
Ambient Operating Temperature Range
-40
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com