Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7002 Datasheet (PDF) - Renesas Technology Corp

ZLED7002 Datasheet PDF - Renesas Technology Corp
Part # ZLED7002
Download  ZLED7002 Download
File Size   520.91 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Toggle (Side-Step) Dual-Channel LED Driver

ZLED7002 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZLED7002 Datasheet PDF - Renesas Technology Corp

Part # ZLED7002
Download  ZLED7002 Click to download

File Size   520.91 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Toggle (Side-Step) Dual-Channel LED Driver

ZLED7002 Datasheet (HTML) - Renesas Technology Corp


ZLED7002 Product details

Features
•Automatic MAIN channel short-circuit protectionswitches the output current to the SUB channelif the MAIN LED is shorted
•Under-voltage power supply detection
•Over-temperature protection
Benefits
•Extends lighting life-time by switching to a lower-current LED channel when the supply is low
•80mV (typical) hysteresis prevents unintendedswitching activation due to power supply ripple
•Ultra low quiescent current: 250μA typical
•Very few external components needed for operation
Available Support
•Evaluation Kit
Physical Characteristics
•Voltage supply: 2.7V to 5.5V DC
•Operating temperature: -25°C to 85°C
•Small SOP8 package




Similar Part No. - ZLED7002

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZLED7002 ETC2-ZLED7002 Datasheet
1Mb / 14P
Toggle (Side-Step) Dual-Channel LED Driver
logo
Integrated Device Techn...
ZLED7002 IDT-ZLED7002 Datasheet
343Kb / 12P
Toggle (Side-Step) Dual-Channel LED Driver
logo
List of Unclassifed Man...
ZLED7002-ZI1R ETC2-ZLED7002-ZI1R Datasheet
1Mb / 14P
Toggle (Side-Step) Dual-Channel LED Driver
ZLED7002KIT-E1 ETC2-ZLED7002KIT-E1 Datasheet
1Mb / 14P
Toggle (Side-Step) Dual-Channel LED Driver
logo
Integrated Device Techn...
ZLED7002KIT-E1 IDT-ZLED7002KIT-E1 Datasheet
343Kb / 12P
Toggle (Side-Step) Dual-Channel LED Driver
More results


Similar Description - ZLED7002

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3475 LINER-LT3475 Datasheet
243Kb / 20P
Dual Step-Down l 1.5A LED Driver
logo
Integrated Silicon Solu...
IS31LT3135 ISSI-IS31LT3135 Datasheet
216Kb / 6P
MAIN/SUB DUAL-CHANNEL LED DRIVER
logo
List of Unclassifed Man...
ZLED7002 ETC2-ZLED7002 Datasheet
1Mb / 14P
Toggle (Side-Step) Dual-Channel LED Driver
logo
AIMTEC
AMLBW-3625Z AIMTEC-AMLBW-3625Z Datasheet
449Kb / 8P
Step Up LED Driver
logo
Linear Technology
LT3475 LINER-LT3475_15 Datasheet
248Kb / 20P
Dual Step-Down 1.5A LED Driver
LT3475-1 LINER-LT3475-1_15 Datasheet
248Kb / 20P
Dual Step-Down 1.5A LED Driver
logo
ON Semiconductor
LV52207AXA ONSEMI-LV52207AXA Datasheet
2Mb / 18P
Dual channel LED Boost Driver
November 2014 - Rev. 1
LV52207NXA ONSEMI-LV52207NXA Datasheet
2Mb / 18P
Dual channel LED Boost Driver
July, 2014
logo
Integrated Device Techn...
ZLED7002 IDT-ZLED7002 Datasheet
343Kb / 12P
Toggle (Side-Step) Dual-Channel LED Driver
logo
List of Unclassifed Man...
TA7666P ETC2-TA7666P Datasheet
450Kb / 6P
5 Step Logarithmic Dual LED Driver
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com