Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7002 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ZLED7002
Description  Toggle (Side-Step) Dual-Channel LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZLED7002 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ZLED7002 Datasheet HTML 5Page - Renesas Technology Corp ZLED7002 Datasheet HTML 6Page - Renesas Technology Corp ZLED7002 Datasheet HTML 7Page - Renesas Technology Corp ZLED7002 Datasheet HTML 8Page - Renesas Technology Corp ZLED7002 Datasheet HTML 9Page - Renesas Technology Corp ZLED7002 Datasheet HTML 10Page - Renesas Technology Corp ZLED7002 Datasheet HTML 11Page - Renesas Technology Corp ZLED7002 Datasheet HTML 12Page - Renesas Technology Corp ZLED7002 Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
ZLED7002 Datasheet
© 2016 Integrated Device Technology, Inc.
9
April 20, 2016
VCC
Iset
UV
SUB
MAIN
GND
NC
NC
ZLED7002
D1
MAIN
LED
SUB
LED
R2
R3
C1
+
DC
-
2.7 to 5.5 V
SW1
R4
R1
3
Application Circuit Design
3.1.
Applications
The ZLED7002 is designed for small battery-powered lighting life-time critical applications. Capable of operating efficiently with DC
voltage supplies ranging from 2.7V to 5.5V, it is ideal for small portable lighting applications. Typical applications include helmet
lighting, head/ t ail lights for bicycles, miner lamps, pocket lights, and various other general purpose low-voltage industrial and
consumer LED applications.
Figure 3.1
Basic ZLED7002 Application Circuit
3.2.
Application Circuit Layout Requirements
The following guidelines are strongly recommended when laying out application circuits:
• Use a 0.1μf capacitor connected between the UV pin and ground to minimize noise picked up on the UV pin. Place the
capacitor close to the UV pin.
• If the application includes a switch as shown in Figure 3.1, locate it at the lowest voltage point to avoid sparks when
switching.
• Use traces that are as short and wide as possible for any traces leading to actual ground that occur between the GND pin
and Iset pin. This improves accuracy for the MAIN LED current and the under-voltage threshold.
Also see Table 5.1 for connection requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com