Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7002 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ZLED7002
Description  Toggle (Side-Step) Dual-Channel LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZLED7002 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ZLED7002 Datasheet HTML 5Page - Renesas Technology Corp ZLED7002 Datasheet HTML 6Page - Renesas Technology Corp ZLED7002 Datasheet HTML 7Page - Renesas Technology Corp ZLED7002 Datasheet HTML 8Page - Renesas Technology Corp ZLED7002 Datasheet HTML 9Page - Renesas Technology Corp ZLED7002 Datasheet HTML 10Page - Renesas Technology Corp ZLED7002 Datasheet HTML 11Page - Renesas Technology Corp ZLED7002 Datasheet HTML 12Page - Renesas Technology Corp ZLED7002 Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
ZLED7002 Datasheet
© 2016 Integrated Device Technology, Inc.
11
April 20, 2016
Figure 5.2
SOP8 Package Drawing
Table 5.2
SOP8 Package Dimensions
Symbol
Dimension (mm)
Symbol
Dimension (mm, except
θ)
Min
Max
Min
Max
A
1.350
1.750
E
3.800
4.000
A1
0.100
0.250
E1
5.800
6.240
A2
1.450 Typical
e
1.270 Typical
b
0.350
0.490
L
0.400
1.270
c
0.178
0.250
θ
0°
8°
D
4.800
5.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com