Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7002 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ZLED7002
Description  Toggle (Side-Step) Dual-Channel LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZLED7002 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ZLED7002 Datasheet HTML 1Page - Renesas Technology Corp ZLED7002 Datasheet HTML 2Page - Renesas Technology Corp ZLED7002 Datasheet HTML 3Page - Renesas Technology Corp ZLED7002 Datasheet HTML 4Page - Renesas Technology Corp ZLED7002 Datasheet HTML 5Page - Renesas Technology Corp ZLED7002 Datasheet HTML 6Page - Renesas Technology Corp ZLED7002 Datasheet HTML 7Page - Renesas Technology Corp ZLED7002 Datasheet HTML 8Page - Renesas Technology Corp ZLED7002 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Toggle (Side-Step) Dual-Channel
LED Driver
ZLED7002
Datasheet
© 2016 Integrated Device Technology, Inc.
2
April 20, 2016
SOP8 Package Dimensions and Pin Assignments
Symbol
Dimension (mm, except
θ)
Min
Max
A
1.350
1.750
A1
0.100
0.250
A2
1.450 Typical
b
0.350
0.490
c
0.178
0.250
D
4.800
5.000
E
3.800
4.000
E1
5.800
6.240
e
1.270 Typical
L
0.400
1.270
θ
0°
8°
Ordering Information
Product Sales Code
Description
Package
ZLED7002ZI1R
ZLED7002 – Toggle (Side-Step) Dual-Channel LED Driver
SOP8 (Tape & Reel)
ZLED7002KIT-E1
ZLED7002 Evaluation Kit
Kit
Typical Applications
 Battery-driven LED lighting including
• Helmet lighting
• Bicycle lighting
• Miner lamps
• Pocket lights
 Voltage-level indicators
 General purpose low-voltage industrial and
consumer LED applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com