Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7002 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ZLED7002
Description  Toggle (Side-Step) Dual-Channel LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZLED7002 Datasheet(HTML) 5 Page - Renesas Technology Corp

  ZLED7002 Datasheet HTML 1Page - Renesas Technology Corp ZLED7002 Datasheet HTML 2Page - Renesas Technology Corp ZLED7002 Datasheet HTML 3Page - Renesas Technology Corp ZLED7002 Datasheet HTML 4Page - Renesas Technology Corp ZLED7002 Datasheet HTML 5Page - Renesas Technology Corp ZLED7002 Datasheet HTML 6Page - Renesas Technology Corp ZLED7002 Datasheet HTML 7Page - Renesas Technology Corp ZLED7002 Datasheet HTML 8Page - Renesas Technology Corp ZLED7002 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
ZLED7002 Datasheet
© 2016 Integrated Device Technology, Inc.
5
April 20, 2016
No.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
1.3.8
UV pin comparator
hysteresis
(upper threshold – under-
voltage threshold)
VUVHYS
Switches from SUB LED
to MAIN LED if VUV-PIN
transitions from low voltage
to high voltage and
VUV-PIN is higher than
VUVTHRSH + VUVHYS (the
upper threshold).
80
mV
1.3.9
Thermal protection
threshold
TSD
160
°C
1.3.10
Junction-to-ambient
temperature
RθJA
128
°C/W
1.3.11
MAIN pin current
IMAIN
250mA
mA
1.3.12
SUB pin current
ISUB
100mA
mA
1.4.
Typical Performance Graphs
Figure 1.1
Iset Pin Voltage versus Temperature (+10°C to 100°C)
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com