Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7002 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ZLED7002
Description  Toggle (Side-Step) Dual-Channel LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZLED7002 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ZLED7002 Datasheet HTML 1Page - Renesas Technology Corp ZLED7002 Datasheet HTML 2Page - Renesas Technology Corp ZLED7002 Datasheet HTML 3Page - Renesas Technology Corp ZLED7002 Datasheet HTML 4Page - Renesas Technology Corp ZLED7002 Datasheet HTML 5Page - Renesas Technology Corp ZLED7002 Datasheet HTML 6Page - Renesas Technology Corp ZLED7002 Datasheet HTML 7Page - Renesas Technology Corp ZLED7002 Datasheet HTML 8Page - Renesas Technology Corp ZLED7002 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Toggle (Side-Step) Dual-Channel
LED Driver
ZLED7002
Datasheet
© 2016 Integrated Device Technology, Inc.
1
April 20, 2016
VCC
Iset
UV
SUB
MAIN
GND
NC
NC
ZLED7002
D1
MAIN
LED
SUB
LED
R2
R3
C1
+
DC
-
2.7 to 5.5 V
SW1
R4
R1
Brief Description
The ZLED7002 toggle (side-step) dual-channel LED
driver is one of our ZLED family of LED control ICs. It
operates in the lower DC voltage supply range of 2.7V to
5.5V. This unique LED driver is capable of controlling a
MAIN channel and a SUB channel. Typically, only one of
the two channels is active and the ZLED7002 toggles
between the channels automatically in response to the
voltage supply level and the related voltage at the UV
(under-voltage protection) pin. A high-to-low transition of
the power supply causes the output current to switch
from the MAIN channel to the SUB channel if the UV pin
voltage (VUV-PIN) is below the ZLED7002’s under-voltage
threshold (VUVTHRSH=1.17V, typical). A low-to-high tran-
sition switches the output current from the SUB channel
to the MAIN channel if the UV pin voltage is 80mV (typi-
cal) above the under-voltage threshold.
The MAIN channel is a configurable constant current
source driving the MAIN LED string with a maximum
current draw of 250mA. The MAIN LED channel current
is set by an external resistor (R3) connected to the Iset
pin. Alternately, the SUB channel is activated when the
ZLED7002’s SUB pin is pulled to ground. Its current is
determined by the forward voltage of the SUB LED and
external components. The SUB channel can drive up to
100mA current through the LED channel when active.
The ZLED7002 enables voltage-level indicator applica-
tions and low-power battery-driven lighting applications
that require switching to a lower-current LED channel
when the supply is low, which extends the lighting life-
time. Because the dropout voltage (VDP) is minimal (as
low as 0.1V when the MAIN channel output current is
~200mA), the ZLED7002 is optimal for battery-powered
applications. Capable of operating efficiently with DC
voltage supplies ranging from 2.7V to 5.5V, it is ideal for
small portable lighting applications.
The ZLED7002 can also reduce bill-of-material costs
because very few external components are required for
most applications, making it an optimal fit for small
devices for which lighting lifetime is critical. Only four
resistors, a diode, and a capacitor are needed for a
typical basic application.
Features
• Automatic MAIN channel short-circuit protection
switches the output current to the SUB channel
if the MAIN LED is shorted
• Under-voltage power supply detection
• Over-temperature protection
Benefits
• Extends lighting life-time by switching to a lower-
current LED channel when the supply is low
• 80mV (typical) hysteresis prevents unintended
switching activation due to power supply ripple
• Ultra low quiescent current: 250
μA typical
• Very few external components needed for operation
Available Support
• Evaluation Kit
Physical Characteristics
• Voltage supply: 2.7V to 5.5V DC
• Operating temperature: -25°C to 85°C
• Small SOP8 package
ZLED7002 Typical Application Circuit


Similar Part No. - ZLED7002

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZLED7002 ETC2-ZLED7002 Datasheet
1Mb / 14P
Toggle (Side-Step) Dual-Channel LED Driver
logo
Integrated Device Techn...
ZLED7002 IDT-ZLED7002 Datasheet
343Kb / 12P
Toggle (Side-Step) Dual-Channel LED Driver
logo
List of Unclassifed Man...
ZLED7002-ZI1R ETC2-ZLED7002-ZI1R Datasheet
1Mb / 14P
Toggle (Side-Step) Dual-Channel LED Driver
ZLED7002KIT-E1 ETC2-ZLED7002KIT-E1 Datasheet
1Mb / 14P
Toggle (Side-Step) Dual-Channel LED Driver
logo
Integrated Device Techn...
ZLED7002KIT-E1 IDT-ZLED7002KIT-E1 Datasheet
343Kb / 12P
Toggle (Side-Step) Dual-Channel LED Driver
More results

Similar Description - ZLED7002

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3475 LINER-LT3475 Datasheet
243Kb / 20P
Dual Step-Down l 1.5A LED Driver
logo
Integrated Silicon Solu...
IS31LT3135 ISSI-IS31LT3135 Datasheet
216Kb / 6P
MAIN/SUB DUAL-CHANNEL LED DRIVER
logo
List of Unclassifed Man...
ZLED7002 ETC2-ZLED7002 Datasheet
1Mb / 14P
Toggle (Side-Step) Dual-Channel LED Driver
logo
AIMTEC
AMLBW-3625Z AIMTEC-AMLBW-3625Z Datasheet
449Kb / 8P
Step Up LED Driver
logo
Linear Technology
LT3475 LINER-LT3475_15 Datasheet
248Kb / 20P
Dual Step-Down 1.5A LED Driver
LT3475-1 LINER-LT3475-1_15 Datasheet
248Kb / 20P
Dual Step-Down 1.5A LED Driver
logo
ON Semiconductor
LV52207AXA ONSEMI-LV52207AXA Datasheet
2Mb / 18P
Dual channel LED Boost Driver
November 2014 - Rev. 1
LV52207NXA ONSEMI-LV52207NXA Datasheet
2Mb / 18P
Dual channel LED Boost Driver
July, 2014
logo
Integrated Device Techn...
ZLED7002 IDT-ZLED7002 Datasheet
343Kb / 12P
Toggle (Side-Step) Dual-Channel LED Driver
logo
List of Unclassifed Man...
TA7666P ETC2-TA7666P Datasheet
450Kb / 6P
5 Step Logarithmic Dual LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com